Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB102ZLE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3USB102ZLE
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102ZLE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI3USB102ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB102ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PI3USB102
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
PS8950C
11/20/08
Eye Diagram Measurements
Figure 1: USB2.0 High-speed (480 Mbps) Signal Integrity Test Setup
Figure 2: USB 2.0 High Speed (480Mbps) TP1, left eye, and TP5, right eye, with PI3USB102 in the signal path while HDD is
driving.
LR
sw1
TPS
Rt1
2.25"
On
TP1
PI3USB102
0.5”
45ohm
Rt2
45ohm
2
08-0310



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com