Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BT151-500 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT151-500
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT151-500 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT151-500 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
BT151-500
APPLICATIONS
·
For use in applications requiring high
bidirectional blocking voltage capability
and high thermal cycling performance.
Typical applications include motor co-
ntrol, industrial and domestic lighting,
heating and static switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
500
V
VRRM
Repetitive peak reverse voltage
500
V
IT(AV)
Average on-stage current
8
A
IT(RMS)
RMS on-state current
12
A
ITSM
Surge non-repetitive on-state current
100
A
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
125
Tstg
Storage temperature
-45~150
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
VRM=VRRM, Tj=125
0.02
0.5
mA
IDRM
Repetitive peak off-state current
VDM=VDRM,
VDM=VDRM , Tj=125
0.02
0.5
mA
VTM
On-state voltage
ITM= 23A
1.75
V
IGT
Gate-trigger current
VD= 12V; IT= 0.1A
8
mA
VGT
Gate-trigger voltage
VD= 12V; IT= 0.1A
1.5
V
IH
Holding current
IT= 0.1A; Gate Open
20
mA
Rth(j-c)
Thermal resistance
Junction to case
1.6
/W


Similar Part No. - BT151-500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500 PHILIPS-BT151-500 Datasheet
43Kb / 6P
Thyristors
September 1997 Rev 1.200
logo
Tiger Electronic Co.,Lt...
BT151-500 TGS-BT151-500 Datasheet
75Kb / 1P
Triacs sensitive gate
logo
New Jersey Semi-Conduct...
BT151-500 NJSEMI-BT151-500 Datasheet
84Kb / 1P
Thyristors
logo
List of Unclassifed Man...
BT151-500 ETC2-BT151-500 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Shenzhen Luguang Electr...
BT151-500-R LUGUANG-BT151-500-R Datasheet
927Kb / 5P
12A Silicon Controlled Rectifiers
Revision:20240716-P1
More results

Similar Description - BT151-500

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com