Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UI3004 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # UI3004
Description  N-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UI3004 Datasheet(HTML) 3 Page - Nanjing International Group Co

  UI3004 Datasheet HTML 1Page - Nanjing International Group Co UI3004 Datasheet HTML 2Page - Nanjing International Group Co UI3004 Datasheet HTML 3Page - Nanjing International Group Co UI3004 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
N-Ch 30V Fast Switching MOSFETs
0
25
50
75
100
00.511.522.5
3
VDS , Drain-to-Source Voltage (V)
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
0
3
6
9
12
0
0.3
0.6
0.9
1.2
VSD , Source-to-Drain Voltage (V)
TJ=25℃
TJ=150℃
0
2
4
6
8
10
0
6
12
18
24
30
QG , Total Gate Charge (nC)
ID=15A
VDS=24V
VDS=15V
0.2
0.6
1
1.4
1.8
-50
25
100
175
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
-5
40
85
130
175
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
UI3004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com