Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC011 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC011
Description  Serial Digital Video Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC011 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC011 Datasheet HTML 1Page - National Semiconductor (TI) CLC011 Datasheet HTML 2Page - National Semiconductor (TI) CLC011 Datasheet HTML 3Page - National Semiconductor (TI) CLC011 Datasheet HTML 4Page - National Semiconductor (TI) CLC011 Datasheet HTML 5Page - National Semiconductor (TI) CLC011 Datasheet HTML 6Page - National Semiconductor (TI) CLC011 Datasheet HTML 7Page - National Semiconductor (TI) CLC011 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
Pin Descriptions
Name
Pin No.
Description
EAV
1
End of active video flag. For component video, a logic low is output for one cycle of the
parallel clock every time an EAV timing reference is detected. The pulse is aligned with the
fourth word of the timing reference (the XYZ word). For composite video, this line is always
asserted high.
V
EE
2, 4, 26
Negative supply pins.
NC
3
Unused pin.
SDI+, SDI−
5, 6
Differential serial data inputs.
SCI+, SCI−
7, 8
Differential serial clock inputs.
NRZI
9
A logic high at this pin enables NRZI-to-NRZ conversion.
DESC
10
A logic high at this pin enables descrambling.
FE
11
Frame enable. Enables resynchronization of the parallel word at the next TRS.
V
CC
12
Positive supply pin.
VCP
13
Parallel clock high level programming pin. The voltage at this supply pin defines the logic high
level for the parallel clock output.
NSP
14
New sync position. Indicates that the most recent TRS is in a new position relative to the
previous TRS. Remains high until the parallel rate clock is aligned properly with the TRS.
TRS
15
Timing reference flag. A logic low is output for the duration of the TRS.
PCLK
16
Parallel clock output. The rising edge of this clock is located at the center of the parallel data
window.
PD0–9
17,
19–25,
27, 28
Parallel data outputs.
VDP
18
Parallel data high level programming pin. The voltage at this supply pin defines the logic high
level for the data outputs.
DS100086-2
28-Pin PLCC
Order Number CLC011ACQ, or CLC011BCQ
See NS Package Number V28A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com