Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBD4148 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMBD4148
Description  SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBD4148 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMBD4148 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBD4148 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
DEVICE CHARACTERISTICS
MMBD41 48/ MMBD4448
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 3 POWER DERATING CURVE
0.2
0.1
1
10
100
1000
0.4
0.6
0.8
1.0
11
..
24
0
10
1.0
0.1
0.01
0.001
20
40
60
80
100
0
200
300
400
500
100
50
100
150
200
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
T =125 C
J
O
T=75 C
J
O
T=25 C
J
O
AMBIENT TEMPERATURE( C)
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com