Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC016 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC016 Datasheet HTML 12Page - National Semiconductor (TI) CLC016 Datasheet HTML 13Page - National Semiconductor (TI) CLC016 Datasheet HTML 14Page - National Semiconductor (TI) CLC016 Datasheet HTML 15Page - National Semiconductor (TI) CLC016 Datasheet HTML 16Page - National Semiconductor (TI) CLC016 Datasheet HTML 17Page - National Semiconductor (TI) CLC016 Datasheet HTML 18Page - National Semiconductor (TI) CLC016 Datasheet HTML 19Page - National Semiconductor (TI) CLC016 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Product Description (Continued)
PCB LAYOUT RECOMMENDATIONS
Printed circuit board layout affects the performance of the
CLC016. The following are PCB layout rules for the CLC016:
1.
Use a ground plane.
2.
De-couple V
CC/VEE power pins with 0.01 µF ceramic ca-
pacitors placed
≤0.1” (3mm) from the power pins and
6.8 µF tantalum capacitors.
3.
For long signal runs, match transmission lines to the de-
sired characteristic impedance for the input and output
lines.
4.
Remove ground plane 0.025” (0.06mm) from all pads.
5.
Remove ground plane from the area around the loop fil-
ter and frequency selection resistors.
6.
Keep digital and analog lines sufficiently away from loop
filter or frequency selection resistors.
7.
Avoid the use of sockets in production boards.
8.
In proto-boards use a low-profile, low impedance, type
socket.
EVALUATION BOARD
An evaluation board layout and schematic are shown on the
following page. The art work shows the board solder masks,
trace layers, and ground plane.
To order an evaluation
board, contact your local sales representative or Na-
tional
support
center
and
request
part
number
CLC730057.
The evaluation board provides LEDs and switches to oper-
ate the PLL in various modes. The board allows the user to
select +5V or −5.2V power supplies, identified on the printed
board silk screen. Insert all tantalum capacitors as shown in
the schematic or silk screen. A complete bill of materials is
given in the following table. The components recommended
in the materials list are for SMPTE 259M standards.
DS100087-34
FIGURE 22. Jitter Measurement Setup
DS100087-35
FIGURE 23. Typical Jitter Histogram
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com