Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD1616A Datasheet(PDF) 1 Page - Micro Electronics

Part # 2SD1616A
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

2SD1616A Datasheet(HTML) 1 Page - Micro Electronics

  2SD1616A Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD1616A
NPN
SILICON
TRANSISTOR
DESCRIPTION
2SD1616A is NPN silicon planar
transistor designed for use in driver and
output stages of AF amplifier, general
purpose application.
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
VCEO
60V
Collector-Base Voltage
VCBO
120V
Emitter-Base Voltage
VEBO
6V
Collector Current Continuous
IC
1A
Total Power Dissipation @ Ta=25
oCPtot
0.65W
Operating & Storage Junction Temperature
Tj,Tstg
-55 to +150
oC
ELECTRICAL CHARACTERISTICS (Ta=25
oC)
PARAMETER
SYMBOL MIN
MAX UNIT
CONDITIONS
Collector Cutoff Current
ICBO
100
nA
VCB=60V IE=0
Emitter Cutoff Current
IEBO
100
nA
VEB=6V
IC=0
D.C. Current Gain
HFE *
170
350
VCE=2V
IC=100mA
D.C. Current Gain
HFE *
45
VCE=2V
IC=1A
Base-Emitter Voltage
VBE *
600
700
mV
VCE=2V
IC=50mA
Collector-Emitter Saturation Voltage
VCE(sat) *
0.5
V
IC=1A
IB=50mA
Base-Emitter Saturation Voltage
VBE(sat) *
1.2
V
IC=1A
IB=50mA
Output Capacitance
Cob
19
TYP.
pF
VCB=10V IE=0
Gain Bandwidth Product
fT
100
MHz VCE=2V
IC=100mA
Turn-On Time
ton
0.07
TYP.
µs
Vcc=10V
IC=100mA
Storage Time
tstg
0.95
TYP.
µs
IB1=-IB2=10mA
Fall Time
tf
0.07
TYP.
µs
VBE(off)=-2 to 3V
* Pulse test PW ≦ 350
µs, duty cycle ≦ 2%.
MICRO
12.7
(0.5)
min.
4.6
(0.18)
10
2.54
(0.1)
0.51
(0.02)
Bottom view
0.45
(0.018)
Unit: mm(inch)
TO-92B
0.4
(0.016)
4.68
(0.18)
3.58
(0.14)
E
BC
G/F, 38 Hung To Road, Kwun Tong, Kowloon, Hong Kong.
Kwun Tong P.O. BOX 69477, Hong Kong. TEL: (852) 23430181 FAX: (852) 23410321
HOMEPAGE: http://www.microelectr.com.hk E-MAIL ADDRESS: common@microelectr.com.hk
MICRO ELECTRONICS LTD.


Similar Part No. - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
NPN SILICON TRANSISTORS
logo
Weitron Technology
2SD1616A WEITRON-2SD1616A Datasheet
1Mb / 5P
NPN Transistors
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
66Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Dc Components
2SD1616A DCCOM-2SD1616A Datasheet
232Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com