Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430F147IPM Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F147IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F147IPM Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F147IPM Datasheet HTML 16Page - Texas Instruments MSP430F147IPM Datasheet HTML 17Page - Texas Instruments MSP430F147IPM Datasheet HTML 18Page - Texas Instruments MSP430F147IPM Datasheet HTML 19Page - Texas Instruments MSP430F147IPM Datasheet HTML 20Page - Texas Instruments MSP430F147IPM Datasheet HTML 21Page - Texas Instruments MSP430F147IPM Datasheet HTML 22Page - Texas Instruments MSP430F147IPM Datasheet HTML 23Page - Texas Instruments MSP430F147IPM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog Timer control
WDTCTL
0120h
Timer_B7/
Timer_B3
Timer_B interrupt vector
TBIV
011Eh
Timer_B7/
Timer_B3
(see Note 1)
Timer_B control
TBCTL
0180h
(see Note 1)
Capture/compare control 0
TBCCTL0
0182h
Capture/compare control 1
TBCCTL1
0184h
Capture/compare control 2
TBCCTL2
0186h
Capture/compare control 3
TBCCTL3
0188h
Capture/compare control 4
TBCCTL4
018Ah
Capture/compare control 5
TBCCTL5
018Ch
Capture/compare control 6
TBCCTL6
018Eh
Timer_B register
TBR
0190h
Capture/compare register 0
TBCCR0
0192h
Capture/compare register 1
TBCCR1
0194h
Capture/compare register 2
TBCCR2
0196h
Capture/compare register 3
TBCCR3
0198h
Capture/compare register 4
TBCCR4
019Ah
Capture/compare register 5
TBCCR5
019Ch
Capture/compare register 6
TBCCR6
019Eh
Timer_A3
Timer_A interrupt vector
TAIV
012Eh
Timer_A3
Timer_A control
TACTL
0160h
Capture/compare control 0
TACCTL0
0162h
Capture/compare control 1
TACCTL1
0164h
Capture/compare control 2
TACCTL2
0166h
Reserved
0168h
Reserved
016Ah
Reserved
016Ch
Reserved
016Eh
Timer_A register
TAR
0170h
Capture/compare register 0
TACCR0
0172h
Capture/compare register 1
TACCR1
0174h
Capture/compare register 2
TACCR2
0176h
Reserved
0178h
Reserved
017Ah
Reserved
017Ch
Reserved
017Eh
Hardware
Multiplier
Sum extend
SUMEXT
013Eh
Hardware
Multiplier
(MSP430x14x and
Result high word
RESHI
013Ch
(MSP430x14x and
MSP430x14x1
Result low word
RESLO
013Ah
MSP430x14x1
only)
Second operand
OP2
0138h
only)
Multiply signed +accumulate/operand1
MACS
0136h
Multiply+accumulate/operand1
MAC
0134h
Multiply signed/operand1
MPYS
0132h
Multiply unsigned/operand1
MPY
0130h
NOTE 1: Timer_B7 in MSP430x14x(1) family has 7 CCRs, Timer_B3 in MSP430x13x family has 3 CCRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com