Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMS3.3 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMS3.3
Description  USB 2.0 power and data line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMS3.3 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMS3.3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS3.3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS3.3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TVS/ESD DIODE ARRAY AND LATCH-UP PROTECTION
Features
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SOT-26
Pin Configuration
Mechanical Characteristics
Package: SOT-26
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
100
W
ESD per IEC 61000−4−2 (Air)
VESD
±20
Kv
ESD per IEC 61000−4−2 (Contact)
±15
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
SMS3.3


Similar Part No. - SMS3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS3.3 SEMTECH-SMS3.3 Datasheet
158Kb / 7P
3.3 Volt TVS Array For ESD and Latch-Up Protection
SMS3.3.TC SEMTECH-SMS3.3.TC Datasheet
158Kb / 7P
3.3 Volt TVS Array For ESD and Latch-Up Protection
SMS3.3.TCT SEMTECH-SMS3.3.TCT Datasheet
158Kb / 7P
3.3 Volt TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SMS3.3C LEIDITECH-SMS3.3C Datasheet
162Kb / 3P
TVS/ESD DIODE ARRAY AND LATCH-UP PROTECTION
More results

Similar Description - SMS3.3

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
USB 2.0 power and data line
ESDA3.3CW-4 LEIDITECH-ESDA3.3CW-4 Datasheet
125Kb / 3P
USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
LC0504F LEIDITECH-LC0504F Datasheet
129Kb / 3P
USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
USB 2.0 power and data line
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
USB 2.0 power and data line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com