Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CZRL47 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRL47
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL47 Datasheet(HTML) 2 Page - Comchip Technology

  CZRL47 Datasheet HTML 1Page - Comchip Technology CZRL47 Datasheet HTML 2Page - Comchip Technology CZRL47 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDS0302003A
Page 2
Surface Mount Zener Diodes
www.comchip.com.tw
COMCHIP
CZRL4728
3.3
76
10
400
1
100
1
1380
276
CZRL4729
3.6
69
10
400
1
100
1
1260
252
CZRL4730
3.9
64
9
400
1
50
1
1190
234
CZRL4731
4.3
58
9
400
1
10
1
1070
217
CZRL4732
4.7
53
8
500
1
10
1
970
193
CZRL4733
5.1
49
7
550
1
10
1
890
178
CZRL4734
5.6
45
5
600
1
10
2
810
162
CZRL4735
6.2
41
2
700
1
10
3
730
146
CZRL4736
6.8
37
3.5
700
1
10
4
660
133
CZRL4737
7.5
34
4
700
0.5
10
5
605
121
CZRL4738
8.2
31
4.5
700
0.5
10
6
550
110
CZRL4739
9.1
28
5
700
0.5
10
7
500
100
CZRL4740
10
25
7
700
0.25
10
7.6
454
91
CZRL4741
11
23
8
700
0.25
5
8.4
414
83
CZRL4742
12
21
9
700
0.25
5
9.1
380
76
CZRL4743
13
19
10
700
0.25
5
9.9
344
69
CZRL4744
15
17
14
700
0.25
5
11.4
304
61
CZRL4745
16
15.5
16
700
0.25
5
12.2
285
57
CZRL4746
18
14
20
750
0.25
5
13.7
250
50
CZRL4747
20
12.5
22
750
0.25
5
15.2
225
45
CZRL4748
22
11.5
23
750
0.25
5
16.7
205
41
CZRL4749
24
10.5
25
750
0.25
5
18.2
190
38
CZRL4750
27
9.5
35
750
0.25
5
20.6
170
34
CZRL4751
30
8.5
40
1000
0.25
5
22.8
150
30
CZRL4752
33
7.5
45
1000
0.25
5
25.1
135
27
CZRL4753
36
7
50
1000
0.25
5
27.4
125
25
CZRL4754
39
6.5
60
1000
0.25
5
29.7
115
23
CZRL4755
43
6
70
1500
0.25
5
32.7
110
22
CZRL4756
47
5.5
80
1500
0.25
5
35.8
95
19
CZRL4757
51
5
95
1500
0.25
5
38.8
90
18
CZRL4758
56
4.5
110
2000
0.25
5
42.6
80
16
CZRL4759
62
4
125
2000
0.25
5
47.1
70
14
CZRL4760
68
3.7
150
2000
0.25
5
51.7
65
13
CZRL4761
75
3.3
175
2000
0.25
5
56
60
12
CZRL4762
82
3
200
3000
0.25
5
62.2
55
11
CZRL4763
91
2.8
250
3000
0.25
5
69.2
50
10
CZRL4764
100
2.5
350
3000
0.25
5
76
45
9
VR
(V)
at
Notes: (1) The Zener impedance is derived from the 1KHZ AC volt age which results when an AC current having an RMS value equal to
10% of the Zener current (IZTor IZK) is superim posed on IZT or IZK. Zener impedance is m easured at two points to insure a sharp knee on
the breakdown curve and to eliminate unstable units
(2) Valid provided that electrodes at a distance of 10mm from case are kept at am bient temperature
(3) Measured under thermal equilibrium and DC test condit ions.
Max reverse Leakage
Current
Surge
Current at
TA = 25°C
Ir(mA)
Maximum
Regulator
Current
IZM (mA)
(Note 2.)
IR
(uA)
Type No.
Nominal
Zener
Voltage
at IZT
VZ (V)
(Note 3.)
Test
current
IZT
(mA)
Maximum Zener Impedance
(Note 1.)
ZZT at IZT
(Ohm)
at
IZK
(mA)
ZZK
(Ohm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com