Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51DC Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # HT83C51DC
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51DC Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button HT83C51DC Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 10Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 11Page - Honeywell Solid State Electronics Center HT83C51DC Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
HT83C51
SERIAL PORT TIMING CHARACTERISTICS—SHIFT REGISTER MODE (MODE 0)
SERIAL PORT TIMING WAVEFORMS
0
1
234
5
6
7
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
01
23
45
6
7
8
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET RI
ALE
CLOCK
OUTPUT
DATA
INPUT
DATA
(WRITE TO SBUF)
(CLEAR RI)
Symbol
Parameter
16 MHz Oscillator
Variable Oscillator
Unit
Min
Max
Min
Max
TXLXL
Serial Port Clock Period
750
12 TCLCL
ns
TQVXH
Output Data Setup to Clock Rising Edge
492
10 TCLCL-133
ns
TXHQX
Output Data Hold after Clock Rising Edge
8
2 TCLCL-117
ns
TXHDX
Input Data Hold after Clock Rising Edge
0
0
ns
TXHDV
Clock Rising Edge to Input Data Valid
492
10 TCLCL-133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com