Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FD178C Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # FD178C
Description  Built-in Hall sensor input signal amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD178C Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button FD178C Datasheet HTML 2Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 3Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 4Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 5Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 6Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 7Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 8Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 9Page - Silicon Touch Technology Inc. FD178C Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control
Version
:A.010
Page
:7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FD178A/FD178B/FD178C
Application Notes
The device can be operated with a wide supply voltage ranging from 2
to 6.5 Volts.
However, the design, specifications, and performance have been optimized for 5V
brushless dc motor applications.
The output driver node O1/O2 are in drive/sink state when V(HP) > V(HN) and vice
versa
The lock and auto-restart do not require an external capacitor for a timing counting
purpose. The driver will be shutdown approximately 1 second after the motor is lock
and the auto-restart is activated every one second until the lock is released.
Eliminating an external protection diode, a power polarity reverse circuit is integrated
on the chip.
A 1uF capacitor between VDD and GND as well as a 0.1uF between HP and HN are
strongly recommended for a reliable and noise immune operation.
The power dissipated by the chip varies with the supply voltage.
It is advisable to ensure the
power dissipation by the chip does not exceed the thermal requirement dictated by the package.
The maximum allowable power consumption can be calculated by the following equation:
)
/
)(
,
tan
Re
(
)
)(
(
)
)(max)(
(
)
)(
(
Watt
C
Ambient
to
Junction
ce
sis
Thermal
C
e
Temperatur
Ambient
Ta
C
e
Temperatur
Junction
Tj
Watt
n
Dissipatio
Power
Pd
o
JA
o
o
θ
−
=
The relationship between power dissipation and operating temperature can refer to the figure
below:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com