Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS7C256 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C256
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C256 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AS7C256
AS7C256L
5
Parameter
Symbol
-10
-12
-15
-20
-25
-35
Unit
Notes
Min Max Min Max Min Max Min Max Min Max Min Max
Write Cycle Time
tWC
10
–
12–
15
–20
–
20
–30
–
ns
Chip Enable to Write End
tCW
9
–
10
–12–
12
–
15
–
20
–
ns
Address Setup to Write End
tAW
9
–
10
–12–
12
–
15
–
20
–
ns
Address Setup Time
tAS
0
–
0
–0–
0–
0–
0–
ns
Write Pulse Width
tWP
7–
8–
9
–
12
–
15
–
17
–
ns
Address Hold From End of Write
tAH
0
–
0
–0–
0–
0–
0–
ns
Data Valid to Write End
tDW
6–
6–
8
–
10
–
10
–
15
–
ns
Data Hold Time
tDH
0
–
0
–0–
0–
0–
0–
ns
4, 5
Write Enable to Output in High Z
tWZ
–
5
–
5–5
–5
–5
–5
ns
4, 5
Output Active from Write End
tOW
3
–
3
–3–
3–
3–
3–
ns
4, 5
11
WRITE CYCLE
(VCC = 5V±10%, GND = 0V, Ta = 0°C to +70°C)
10, 11
TIMING WAVEFORM OF WRITE CYCLE 1
(WE Controlled)
tAW
tAH
tWC
Address
WE
Din
Dout
tDH
tOW
tDW
tWZ
tWP
tAS
Data Valid
AS7C256-05
10, 11
TIMING WAVEFORM OF WRITE CYCLE 2
(CE Controlled)
tAW
Address
CE
WE
Din
Dout
Data Valid
tCW
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
AS7C256-06



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com