Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE1526B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1526B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1526B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1526B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE1526B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
2
Electrical CharacteristicsTA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250uA
-30
V
Zero Gate Voltage Drain
Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate Threshold Voltage
VGS(th)
VGS=VGS, IDS=-250uA
-1
-1.4
-6
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
100
nA
Drain-Source
On-Resistance
RDS(ON)
VGS=-10V, ID=-6A
55
75
m
Ω
VGS=-4.5V, ID=-3A
68
80
Forward
Transconductance
gFS
VDS=-10V,ID=-5.3A
10
S
Diode Forward Voltage
VSD
IS=-1.7A, VGS=0V
-0.82
-1.2
V
Switching
Total Gate Charge
Qg
VGS= -10V,VDS=-15V,ID= -5.3A
28
36.4
nC
Gate-Source Charge
Qgs
3
3.9
Gate-Drain Charge
Qgd
7
9.1
Turn-on Delay Time
t
d(on)
VGS=-10V,VDS=-15V, RL=15Ω,
RGEN=6Ω
9
18
ns
Turn-on Rise Time
tr
15
30
Turn-off Delay Time
t
d(off)
75
150
Turn-off Fall Time
tf
40
80
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=-15V, f=1MHz
745
pF
Output Capacitance
Coss
440
Reverse Transfer
Capacitance
Crss
120
Note:
1.
The value of RθJA is measured with the device mounted on 1in²FR-4 board with 2oz. Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
2.
Repetitive rating, pulse width limited by junction temperature.
3.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com