Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 3Page - Cypress Semiconductor PSOC Datasheet HTML 4Page - Cypress Semiconductor PSOC Datasheet HTML 5Page - Cypress Semiconductor PSOC Datasheet HTML 6Page - Cypress Semiconductor PSOC Datasheet HTML 7Page - Cypress Semiconductor PSOC Datasheet HTML 8Page - Cypress Semiconductor PSOC Datasheet HTML 9Page - Cypress Semiconductor PSOC Datasheet HTML 10Page - Cypress Semiconductor PSOC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
7
Table 1: Device Family Key Features.........................................................................................................14
Table 2: Pin-out 8 Pin .................................................................................................................................15
Table 3: Pin-out 20 Pin ...............................................................................................................................15
Table 4: Pin-out 28 Pin ...............................................................................................................................16
Table 5: Pin-out 44 Pin ...............................................................................................................................16
Table 6: Pin-out 48 Pin ...............................................................................................................................17
Table 7: CPU Registers and Mnemonics ...................................................................................................19
Table 8: Flags Register ..............................................................................................................................20
Table 9: Accumulator Register (CPU_A)....................................................................................................20
Table 10: Index Register (CPU_X) .............................................................................................................21
Table 11: Stack Pointer Register (CPU_SP) ..............................................................................................21
Table 12: Program Counter Register (CPU_PC)........................................................................................21
Table 13: Source Immediate ......................................................................................................................21
Table 14: Source Direct..............................................................................................................................22
Table 15: Source Indexed ..........................................................................................................................22
Table 16: Destination Direct .......................................................................................................................22
Table 17: Destination Indexed....................................................................................................................23
Table 18: Destination Direct Immediate .....................................................................................................23
Table 19: Destination Indexed Immediate ..................................................................................................23
Table 20: Destination Direct Direct.............................................................................................................24
Table 21: Source Indirect Post Increment ..................................................................................................24
Table 22: Destination Indirect Post Increment............................................................................................24
Table 23: Instruction Set Summary (Sorted by Mnemonic)........................................................................25
Table 24: Flash Program Memory Map ......................................................................................................26
Table 25: RAM Data Memory Map .............................................................................................................26
Table 26: Bank 0 ........................................................................................................................................27
Table 27: Bank 1 ........................................................................................................................................28
Table 28: Port Data Registers ....................................................................................................................31
Table 29: Port Interrupt Enable Registers ..................................................................................................31
Table 30: Port Global Select Registers ......................................................................................................32
Table 31: Port Drive Mode 0 Registers ......................................................................................................32
Table 32: Port Drive Mode 1 Registers ......................................................................................................33
Table 33: Port Interrupt Control 0 Registers...............................................................................................33
Table 34: Port Interrupt Control 1 Registers...............................................................................................34
Table 35: Internal Main Oscillator Trim Register ........................................................................................35
Table 36: Internal Low Speed Oscillator Trim Register ..............................................................................36
Table 37: External Crystal Oscillator Trim Register....................................................................................37
Table 38: Typical Package Capacitances ..................................................................................................37
Table 39: System Clocking Signals and Definitions ...................................................................................38
Table 40: Oscillator Control 0 Register.......................................................................................................40
Table 41: Oscillator Control 1 Register.......................................................................................................40
Table 42: 24V1/24V2 Frequency Selection ................................................................................................41
Table 43: Interrupt Vector Table.................................................................................................................44
Table 44: General Interrupt Mask Register ................................................................................................45
Table 45: Digital PSoC Block Interrupt Mask Register ...............................................................................46
List of Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com