Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7333M
Description  P-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7333M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7333M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7333M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7333M
P-Channel 30-V (D-S) MOSFET
VER 1.1
1
Description
The ACE7333M uses advanced trench technology to provide excellent RDS(ON), low gate charge. This
device is suitable for use as a high side switch in SMPS and general purpose applications.
Features
Low r
DS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
-10.9
A
TA=70
OC
-8.2
Pulse Drain Current
b
IDM
-50
Continuous Drain Current (Diode Continuous)
a
IS
-4.5
A
Power Dissipation
a
TA=25
OC
PD
3.5
W
TA=70
OC
2
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10sec
RθJA
35
℃/W
Steady State
81
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
rDS(on) (mΩ)
ID(A)
-30
20 @ VGS = -10V
-10.9
36 @ VGS = -4.5V
-8.1


Similar Part No. - ACE7333M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7333C ACE-ACE7333C Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
ACE7333CIMH ACE-ACE7333CIMH Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
More results

Similar Description - ACE7333M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com