Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPD1515GWS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD1515GWS
Description  15 AMP HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS, 30 nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD1515GWS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD1515GWS Datasheet HTML 1Page - Solid States Devices, Inc SPD1515GWS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0173A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD15 __ HF __ __
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
SMS = Surface Mount Square Tab
GW = Gullwing
BT = Button Tab
Voltage/Family
10 = 100V
15 = 150V
20 = 200V
SPD1510HF thru
SPD1520HF Series
15 AMP
HYPERFAST RECOVERY
RECTIFIER
100 ─ 200 VOLTS, 30 nsec
FEATURES:
Hyper fast reverse recovery: 30 nsec maximum
4/
High surge current: 450 A maximum
Low forward voltage drop .95 V @15 A
Hermetically sealed, void free construction
High temperature category I eutectic metallurgical
bond
Depending on board configuration, two SPD1520HF
devices can match the current output of larger and
heavier DO-4 and TO-25X packages
Weight: SMS – 0.45 g (typ), GW – 0.35 g (typ),
BT – 0.3 g (typ)
Surface mount components eliminate mounting
hardware required for DO-4 and TO-25X packages
Available in surface mount square tab, gullwing,
and button tab versions
Excellent thermal shock performance
High temperature operation at junction and case
temperature of 175°C
TX, TXV, and S-level screening available
2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SPD1510HF
SPD1515HF
SPD1520HF
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(SMS TEC ≤ 100°C)
5/
IO
15
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, VRWM = rated,
allow junction to reach equilibrium between pulses, TA= 25°C)
IFSM
450
Amps
Operating & Storage Temperature
TJ and TSTG
-65 to +175
°C
Thermal Resistance
Surface Mount Square Tab (SMS)
Gullwing (GW)
Button Tab (BT)
RθJE
RθJL
RθJC
3.5
4.5
2.0
°C/W
NOTES:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @ 25°C.
4/ IF = 1A, IR = 1A, IRR = 0.1A, TA = 25°C
5/ Operating at higher IO currents may be achieved based on specific application and
device mounting if TJ is maintained below 175°C.
Surface Mount
Square Tab (SMS)
Gullwing
(GW)
Button Tab
(BT)


Similar Part No. - SPD1515GWS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD1511 SSDI-SPD1511 Datasheet
191Kb / 2P
RADIATION DETECTOR AXIAL PIN DIODE
More results

Similar Description - SPD1515GWS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR9100CTN SSDI-SDR9100CTN Datasheet
237Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR9100N SSDI-SDR9100N Datasheet
227Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9100PHC SSDI-SDR9100PHC Datasheet
191Kb / 2P
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950-3 SSDI-SDR950-3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950CT-3 SSDI-SDR950CT-3 Datasheet
209Kb / 2P
120 AMP 100 - 200 VOLTS 35 nsec HYPER FAST COMMONCATHODE CENTERTAP RECTIFIER
15R6CTN SSDI-15R6CTN Datasheet
228Kb / 2P
100 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
1N8255 SSDI-1N8255 Datasheet
119Kb / 2P
4 - 6 AMP SUBMINIATURE HYPERFAST RECOVERY RECTIFIER 100 - 200 VOLTS 30 nsec
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com