Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5530 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 54Page - National Semiconductor (TI) CS5530 Datasheet HTML 55Page - National Semiconductor (TI) CS5530 Datasheet HTML 56Page - National Semiconductor (TI) CS5530 Datasheet HTML 57Page - National Semiconductor (TI) CS5530 Datasheet HTML 58Page - National Semiconductor (TI) CS5530 Datasheet HTML 59Page - National Semiconductor (TI) CS5530 Datasheet HTML 60Page - National Semiconductor (TI) CS5530 Datasheet HTML 61Page - National Semiconductor (TI) CS5530 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 241 page
background image
www.national.com
58
Revision 4.1
Functional Description (Continued)
3.4.2.2
3 Volt Suspend
The CS5530 supports the stopping of the CPU and sys-
tem clocks for a 3 Volt Suspend state. If appropriately con-
figured, via the Clock Stop Control Register (F0 Index
BCh), the CS5530 asserts the SUSP_3V pin after it has
gone through the SUSP#/SUSPA# handshake. The
SUSP_3V pin is a state indicator, indicating that the sys-
tem is in a low-activity state and Suspend Modulation is
active. Thisindicator canbeusedtoput the systeminto a
low-power state (the system clock can be turned off).
The SUSP_3V pin is intended to be connected to the out-
put enable of a clock generator or buffer chip, so that the
clocks to the CPU and the CS5530 (and most other sys-
tem devices) will be stopped. The CS5530 continues to
decrement all of its device timers and respond to external
SMI interrupts after the input clock has been stopped, as
long as the 32 KHz clock continues to oscillate. Any SMI
event or unmasked interrupt pin causes the CS5530 to
deassert the SUSP_3V pin, restarting the system clocks.
As the CPU or other device might include a PLL, the
CS5530 holds SUSP# active for a pre-programmed
period of delay (the PLL re-sync delay) that varies from 0
to 15 ms. After this period has expired, the CS5530 deas-
serts SUSP#, stopping Suspend. SMI# is held active for
the entire period, so that the CPU reenters SMM when the
clocks are restarted.
Note:
The SUSP_3V pin can be active either high or
low. The pin is an input during POR, and is sam-
pled to determine its inactive state. This allows a
designer to match the active state of SUSP_3V to
the inactive state for a clock driver output enable
with a pull-up or pull-down resistor.
The bit formats for the Clock Stop Control Register are
given in Table 3-14.
Table 3-14. Clock Stop Control Register
Bit
Description
F0 Index BCh
Clock Stop Control Register (R/W)
Reset Value = 00h
7:4
PLL Delay: The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the
SUSP# pin is deasserted to the CPU. This delay is designed to allow the clock chip and CPU PLL to stabilize before start-
ing execution. This delay is only invoked if the STP_CLK bit (bit 0) was set.
The four-bit field allows values from 0 to 15 ms.
0000 = 0 ms
0100 = 4 ms
1000 = 8 ms
1100 = 12 ms
0001 = 1 ms
0101 = 5 ms
1001 = 9 ms
1101 = 13 ms
0010 = 2 ms
0110 = 6 ms
1010 = 10 ms
1110 = 14 ms
0011 = 3 ms
0111 = 7 ms
1011 = 11 ms
1111 = 15 ms
3:1
Reserved: Set to 0.
0
CPU Clock Stop: 0 = Normal SUSP#/ SUSPA# handshake; 1 = Full system Suspend.
Notes:
This register configures the CS5530 to support a 3 Volt Suspend. Setting bit 0 causes the SUSP_3V pin to assert after
the appropriate conditions, stopping the system clocks. A delay of 0 to 15 ms is programmable (bits 7:4) to allow for a
delay for the clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command Register (F0 Index AEh) with bit 0 written as:
0 = SUSP#/SUSPA# handshake occurs. The CPU is put into a low-power state, and the system clocks are not stopped.
When a break/resume event occurs, it releases the CPU halt condition.
1 = SUSP#/SUSPA# handshake occurs and the SUSP_3V pin is asserted, thus invoking a full system Suspend (both
CPU and system clocks are stopped). When a break event occurs, the SUSP_3V pin will deassert, the PLL delay pro-
grammed in bits [7:4] will be invoked which allows the clock chip and CPU PLL to stabilize before deasserting the
SUSP# pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com