Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA016A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 20Page - STMicroelectronics STA016A Datasheet HTML 21Page - STMicroelectronics STA016A Datasheet HTML 22Page - STMicroelectronics STA016A Datasheet HTML 23Page - STMicroelectronics STA016A Datasheet HTML 24Page - STMicroelectronics STA016A Datasheet HTML 25Page - STMicroelectronics STA016A Datasheet HTML 26Page - STMicroelectronics STA016A Datasheet HTML 27Page - STMicroelectronics STA016A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
STA016A
24/43
If set to 1 enable the configurability of the BSB input
interfaces in burst mode thanks to following register,
else disable this configurability and take embedded
default configuration.
Note that this embedded default configuration can be
retrieved by user thanks to following setting :
– I_AUDIO_CONFIG1 = b00000000;// polarity
choice
6.8.3
I_AUDIO_CONFIG_1 :
Address : 0x5B (91)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to config-
ure BSB bit clock
Table 22. .
6.9 CD_CONFIGURATION registers
description
BASIC_COMMAND :
Address : 0x40 (64)
Type : RW - AEC
Software Reset : 0
Description :
Used for giving to dsp basic cd-player commands
Table 23. .
6.9.1
FAST_FUNCTIONAL_VAL :
Address : 0x41 (65)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the volume of fast function.
For the “fast forward function” it is a number between
1 and 20.
For the “fast rewind function” it is a number of second
6.9.2
REQUIRED_TRACK :
Address : 0x42 (66)
Type : RW - ABO
Software Reset : 0
Description :
b7
b6
b5
b4
b3
b2
b1
b0
00
00
000
CF0
Bit
Comment
CF0
Polarity of bit clock BS_BCK :
0 : data provided on falling edge & stable
on rising edge.
1 : data provided on rising edge & stable
on falling edge.
b7
b6
b5
b4
b3
b2
b1
b0
Value
Command
1
stop playing music
2
pause
3fast forward
4
fast rewind
5track up
6
track down
9
directory down
10
directory up
11
play specified track
12
set a play-list index
13
edit play list
14
play current dir
15
play cd from beginning
112
start playing music
113
start searching bytes/mute navigation
124
ID3 name of song required
125
ID3 name of author required
126
ID3 name of album required
127
name of file required
128
name of directory required
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com