Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0674 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 2Page - STMicroelectronics STV0674 Datasheet HTML 3Page - STMicroelectronics STV0674 Datasheet HTML 4Page - STMicroelectronics STV0674 Datasheet HTML 5Page - STMicroelectronics STV0674 Datasheet HTML 6Page - STMicroelectronics STV0674 Datasheet HTML 7Page - STMicroelectronics STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics STV0674 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
STV0674 Functional Description
STV0674
6/35
2
STV0674 Functional Description
The STV0674 uses a combination of hardware functions and firmware to implement the required
features. While the following features are selected and controlled via firmware their operation is
carried out by dedicated hardware core. All dedicated hardware functions use fixed pin numbers
which are detailed in
Section 5.2.
2.1
Sensor interface
The sensor interface is compatible with ST Microelectronics CIF and VGA sensors. This interface
consists of a 5-wire sensor data output with additional sync signals, clocking, and I2C interface for
configuration. All sensor communications, exposure/gain control, color processing, white balance
control, and clocking are handled automatically by STV0674.
2.2
Video processor
The video processor (VP) provides formatted YCbCr 4:2:2-sampled digital video at frame rates up
to 30 frames per second to the video compressor (VC) module or internal video FIFO. The VP also
interfaces directly to the image sensors. The interface to the sensor incorporates:
q
a 5-wire data bus SDATA[4:0] that receives both video data and embedded timing references.
q
a 2-wire serial interface SSDA,SSCL that controls the sensor and the sensor register
configuration.
q
the sensor clock SCLK.
The video processing engine performs the following functions on incoming data
q
full colour restoration at each pixel site from Bayer-patterned input data
q
defect correction
q
matrixing/gain on each colour channel for colour purity
q
auto white balance, exposure and gain control
q
peaking for image clarity
q
gamma correction
q
colour space conversion (including hue and saturation control) from raw RGB to YCbCr[4:2:2].
2.3
Video compressor
The video compression engine performs 3 main functions:
q
Up scaling of input YCbCr 4:2:2 video stream from the VP (typically to scale from QVGA to CIF
image formats),
q
Compression and encoding of YCbCr stream into Motion-JPEG (M-JPEG) format,
q
FIFO monitoring.
The data stream from the VP can be up to VGA size. The scaler in VC can downsize this image.
Once scaled, the video stream is then converted into M-JPEG format. M-JPEG treats video as a
series of JPEG still images. The conversion is released via a sequential DCT (Discrete Cosine
Transform) with Huffman encoding. After transfer through the digiport or over USB, the M-JPEG
stream can be decoded in the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com