Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV6412A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6412A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412A Datasheet(HTML) 1 Page - STMicroelectronics

  STV6412A Datasheet HTML 1Page - STMicroelectronics STV6412A Datasheet HTML 2Page - STMicroelectronics STV6412A Datasheet HTML 3Page - STMicroelectronics STV6412A Datasheet HTML 4Page - STMicroelectronics STV6412A Datasheet HTML 5Page - STMicroelectronics STV6412A Datasheet HTML 6Page - STMicroelectronics STV6412A Datasheet HTML 7Page - STMicroelectronics STV6412A Datasheet HTML 8Page - STMicroelectronics STV6412A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
September 2003
1/24
STV6412A
AUDIO/VIDEO SWITCH MATRIX
FEATURES
s
I²C Bus Control
s
Standby Mode with Interrupt Signal Output
s
Video Section
– 4 CVBS Inputs, 3 CVBS Outputs (one with
Selectable Chroma Trap Filter)
– 3 Y/C Inputs, 2 Y/C Outputs
– 6 dB Gain on all CVBS/Y and C Outputs
– Integrated 150
Ω Buffers
– 1 Y/C Adder
– 2 RGB/FB Inputs, 1 Tri-state RGB/FB Output
with 6 dB Adjustable Gain (from +3dB to
+9dB)
– Video Muting on all Outputs
– 2 Slow Blanking Inputs/Outputs
– Sync Bottom Clamp on all CVBS/Yand RGB
Inputs, Average Clamp on C Inputs
– Bandwidth: 15 MHz
– Crosstalk: 50 dB Minimum
s
Audio Section
– 4 Stereo Inputs, 3 Stereo Outputs
– 1 Mono-Sound Output
– Stereo-to-Mono Sound Capability
– 0/6/9 dB Selectable Gain on one Stereo Input
– Full Range Volume Control with Soft Control
– Audio Muting on all Outputs
DESCRIPTION
The STV6412A is a highly integrated I²C bus-con-
trolled audio and video switch matrix, optimized
for use in digital set-top box applications. It pro-
vides all the audio and video routings required in a
full two SCART set-top box design.
TQFP64
(14 x 14 x 1.40 mm)
(Thin Full Plastic Quad Flat Pack)
ORDER CODE: STV6412ADT
1


Similar Part No. - STV6412A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6412BD STMICROELECTRONICS-STV6412BD Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6412BDT STMICROELECTRONICS-STV6412BDT Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
More results

Similar Description - STV6412A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
Audio-Video Switch
logo
STMicroelectronics
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com