Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC7692 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7692
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7692 Datasheet HTML 1Page - IXYS Corporation CPC7692 Datasheet HTML 2Page - IXYS Corporation CPC7692 Datasheet HTML 3Page - IXYS Corporation CPC7692 Datasheet HTML 4Page - IXYS Corporation CPC7692 Datasheet HTML 5Page - IXYS Corporation CPC7692 Datasheet HTML 6Page - IXYS Corporation CPC7692 Datasheet HTML 7Page - IXYS Corporation CPC7692 Datasheet HTML 8Page - IXYS Corporation CPC7692 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7692-R01
www.ixysic.com
1
CPC7692
Line Card Access Switch
e3
Pb
Features
Improved switch dV/dt immunity of 1500V/
s
Drop-in replacement for CPC7592
TTL logic level inputs for 3.3V logic interfaces
Smart logic for power up / hot plug state control
Small 16-pin SOIC Package
Monolithic IC reliability
Low matched R
ON
Eliminates the need for zero-cross switching
Flexible switch timing to transition from ringing mode
to talk mode
Clean, bounce-free switching
Tertiary protection consisting of integrated current
limiting, voltage clamping, and thermal shutdown for
SLIC protection
5V operation with power consumption <10mW
Intelligent battery monitor
Latched logic-level inputs, no external drive circuitry
required
Applications
VoIP Gateways
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7692 is a member of IXYS IC Division’s
third-generation Line Card Access Switch (LCAS)
family. Available in a 16-pin SOIC package, this
monolithic 6-pole solid state switch provides the
necessary functions to replace two 2-Form-C
electromechanical relays used on traditional analog
line cards and on contemporary integrated voice and
data (IVD) line cards found in Central Office (CO),
Access, and PBX equipment. This device contains
solid state switches for tip and ring line break, ringing
injection/return, and test access, requires only a +5V
supply for operation and TTL logic-level inputs for
control. The CPC7692 provides stable start-up
conditioning during system power up, and for hot plug
insertion applications. Once active, the inputs respond
to traditional TTL logic levels, enabling the CPC7692
to be used with 3.3V logic devices.
The CPC7692BC has the same physical
characteristics as the CPC7692BA but has an
alternative logical set which provides different test
states.
Ordering Information
CPC7692 Block Diagram
Device
Description
CPC7692BA
With Protection SCR, Tubes (50/Tube)
CPC7692BATR
With Protection SCR, Tape & Reel (1000/Reel)
CPC7692BB
Without Protection SCR, Tubes (50/Tube)
CPC7692BBTR
Without Protection SCR, Tape & Reel (1000/Reel)
CPC7692BC
With Protection SCR & “Alternate Logic States”,
Tubes (50/Tube)
CPC7692BCTR
With Protection SCR & “Alternate Logic States”,
Tape & Reel (1000/Reel)
CPC7692
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TEST
IN
RINGING
T
SD
LATCH
L
A
T
C
H
Switch
Control
Logic
+5V
DC
SLIC
X
X
X
X
X
XSW5
SW6
SW2
SW4
T
TEST
RINGING
300
(min.)
Ω
R
TEST
T
RINGING
SW3
SW1
V
BAT
Secondary
Protection
Tip
Ring
R
RINGING
SCR Trip Circuit
(CPC7692BA/C)


Similar Part No. - CPC7692

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
logo
Clare, Inc.
CPC7691BA CLARE-CPC7691BA Datasheet
481Kb / 17P
Line Card Access Switch
logo
IXYS Corporation
CPC7691BA IXYS-CPC7691BA Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
logo
Clare, Inc.
CPC7691BATR CLARE-CPC7691BATR Datasheet
481Kb / 17P
Line Card Access Switch
More results

Similar Description - CPC7692

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
38BX-4-H-3-N GRAYHILL-38BX-4-H-3-N Datasheet
216Kb / 1P
Drop-In Replacement for Industry Standard
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
Drop-In Replacement for CPC7591
logo
ILSI America LLC
IM802 ILSI-IM802 Datasheet
781Kb / 9P
Direct pin to pin drop-in replacement for industry-standard packages
IM811 ILSI-IM811 Datasheet
540Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
IM840 ILSI-IM840 Datasheet
414Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
logo
TT Electronics.
SPH TTELEC-SPH Datasheet
1Mb / 4P
Drop-in replacement for BWH/BWF
logo
Pentair plc. All rights...
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG53-10 PENTAIR-CG53-10 Datasheet
288Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CGT-10S PENTAIR-CGT-10S Datasheet
218Kb / 2P
DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com