Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1N5342B Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1N5342B
Description  5W SILICON ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5342B Datasheet(HTML) 1 Page - STMicroelectronics

  1N5342B Datasheet HTML 1Page - STMicroelectronics 1N5342B Datasheet HTML 2Page - STMicroelectronics 1N5342B Datasheet HTML 3Page - STMicroelectronics 1N5342B Datasheet HTML 4Page - STMicroelectronics 1N5342B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - 1N5342B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5342B MOTOROLA-1N5342B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Boca Semiconductor Corp...
1N5342B BOCA-1N5342B Datasheet
428Kb / 5P
5 Watt Surmetic 40 Silicon Zener Diodes
logo
Microsemi Corporation
1N5342B MICROSEMI-1N5342B Datasheet
114Kb / 2P
SILICON 5 WATT ZENER DIODES
logo
Motorola, Inc
1N5342B MOTOROLA-1N5342B Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
ON Semiconductor
1N5342B ONSEMI-1N5342B Datasheet
71Kb / 8P
5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
More results

Similar Description - 1N5342B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
5W SURFACE MOUNT SILICON ZENER DIODE
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
5W ZENER DIODE
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
5W SILICON PLANAR ZENER DIODES
logo
DIYI Electronic Technol...
SMBJ5333A DYELEC-SMBJ5333A Datasheet
1Mb / 4P
5W Surface Mount Silicon Zener Diodes
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
5W SILICON PLANAR ZENER DIODES
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
5W Zener Doides
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
5W silicon zener diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com