Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D1U3CS Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U3CS
Description  81mm Front End DC-DC Power Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U3CS Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U3CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U3CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D1U3CS-D-1600-12-HC4EC Series
81mm Front End DC-DC Power Converter
D1U3CS-D-1600-12-HC4EC.A02 Page 2 of 5
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Remote Sense (Main Output)
Overall compensation at full load; +VE & -VE connections
120
mV
Output Rise (Monotonic)
10% to 95% rise time
No positive voltage excursion
Startup Time
DC Ramp Up
1.5
2.5
s
PS_ON activation
200
ms
Transient Response
12V, 50%-100% or 100%-50% step load; 1A/μs slew rate
±600
mV
3.3SB 50-100% or 100%-50% step load 1A/μs slew rate
±165
Current Sharing Accuracy
At 100% load (between sharing modules; up to 8 in parallel)
±10
%
Hot Swap Transients
±5
%
Hold Up Time2
FL (Full Load)
1
ms
2
Assumes deployment on systems with dual redundant “A” and “B” DC input feeds
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Storage Temperature Range
Non-Condensing
-40
70
°C
Operating Temperature Range
1600W Output Power
0
50
Operating Humidity
Non-Condensing
5
95
%
Storage Humidity
590
Altitude (no derating at 40°C)
3000
m
Altitude (no derating at 50°C)
1800
Shock
Non-Operating
30
G
Sinusoidal Vibration
Operational, 0.5G; 5-500Hz
MTBF
Telcordia SR-332 M1C1 @ 40°C
395
K Hours
Safety Approvals (Standards)
CSA/CSA-C22.2 No.60950-1-07 2nd Ed, Amendment 1:2011
ANSI/UL Std. No. 60950-1-2011
IEC 60950-1:2005, (2nd Edition) + A1:2009
CE Marking per LVD DIRECTIVE 2006/95/EC
Input Fusing
Internal 60A/170Vdc fast blow fuse on the DC line input
Switching Frequency
70KHz for the Boost Converter; 240KHz for the Main Output Converter
Material Flammability
UL94-V0
Weight
2.84/1.31 lbs/kg
PROTECTION CHARACTERISTICS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
N/A
Over-Temp
Auto re-start
57
60
63
°C
12V (Main)
Over-Voltage
Latching; toggle PS_ON or recycle DC input to reset
13.3
14.5
V
Over-Current
For slow overload events a constant current will be sustained for 1sec followed by a latch off that will auto
reset in 5secs. For hard (short circuit) events the output will shut down within 50ms and auto restart within
200ms. This cycle will be repeated ten times at which point the output will permanently latch off. The power
module will require to be reset by recycling the incoming DC source or “toggling” PS_ON.
140
160
A
3.3VSB
Over-Voltage
Latching; toggle PS_ON or recycle DC input to reset
3.9
4.3
V
Over-Current
Shutdown followed by auto-recovery
6.5
9.0
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation
Input to Output - Basic
1000
Vdc
Output to Chassis (Ground)
500
Vdc
STATUS INDICATORS
Conditions
LED Status
No incoming DC supply present; power module completely unpowered (off).
LED not illuminated
Standby Rail ON; Main Output OFF; DC input present & correct
Blinking Green
Standby Rail ON; Main Output ON
Solid Green
Main Output overcurrent; undervoltage, overvoltage warning
Blinking Amber
FAN_FAULT; overtemperature; standby rail overcurrent, Main Output overcurrent or overvoltage
Solid Amber



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com