Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1777 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1777
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1777 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1777 Datasheet HTML 1Page - IXYS Corporation CPC1777 Datasheet HTML 2Page - IXYS Corporation CPC1777 Datasheet HTML 3Page - IXYS Corporation CPC1777 Datasheet HTML 4Page - IXYS Corporation CPC1777 Datasheet HTML 5Page - IXYS Corporation CPC1777 Datasheet HTML 6Page - IXYS Corporation CPC1777 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1777-R08
www.ixysic.com
1
e3
Characteristics
Features
• 4.6A
DC Load Current with 5°C/W Heat Sink
• Low 0.5
On-Resistance
• 600V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance:
JC = 0.35 °C/W
• Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Utility Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of High Power Solid
State Relays. As part of this new family, the CPC1777
single-pole normally open (1-Form-A) DC Solid State
Relay employs optically coupled MOSFET technology
to provide 2500Vrms of input to output isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance DC switching applications.
The unique i4-PAC package pioneered by IXYS
enables solid state relays to achieve the highest load
current and power ratings. This package features an
IXYS unique process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the usual copper leadframe. The
DCB ceramic, the same substrate used in high power
modules, not only provides 2500Vrms isolation but also
very low junction-to-case thermal resistance
(0.35°C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
600
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
4.6
ADC
No Heat Sink
1.5
On-Resistance (max)
0.5
Thermal Resistance,
Junction-to-Case,
JC
0.35
°C/W
12
3
4
+-
-
+
Part
Description
CPC1777J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1777
600V Single-Pole, Normally Open
DC-Only Power Relay


Similar Part No. - CPC1777

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1777 CLARE-CPC1777 Datasheet
137Kb / 6P
i4-PAC??DC Power Relay
CPC1777 CLARE-CPC1777 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1777J CLARE-CPC1777J Datasheet
137Kb / 6P
i4-PAC??DC Power Relay
CPC1777J CLARE-CPC1777J Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
logo
IXYS Corporation
CPC1777J IXYS-CPC1777J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1777

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com