Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1779 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1779
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1779 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1779 Datasheet HTML 1Page - IXYS Corporation CPC1779 Datasheet HTML 2Page - IXYS Corporation CPC1779 Datasheet HTML 3Page - IXYS Corporation CPC1779 Datasheet HTML 4Page - IXYS Corporation CPC1779 Datasheet HTML 5Page - IXYS Corporation CPC1779 Datasheet HTML 6Page - IXYS Corporation CPC1779 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1779-R07
www.ixysic.com
1
e3
Characteristics
Features
4.12A
DC Load Current with 5°C/W Heat Sink
Low 0.4
 On-Resistance
600V
P Blocking Voltage
2500V
rms Input/Output Isolation
Low Thermal Resistance:
JC = 0.3 °C/W
Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Industrial Controls / Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Transportation Equipment
Aerospace/Defense
Approvals
UL 508 Certified Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability,
and compact size to a new family of high-power Solid
State Relays.
As part of this new family, the CPC1779 single-pole
normally open (1-Form-A) DC Solid State Power
Relay employs optically coupled MOSFET technology
to provide 2500Vrms of input to output isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance DC switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process where the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation, but also very low junction-to-case
thermal resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
600
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
4.12
ADC
No Heat Sink
1.65
On-Resistance (max)
0.4
Thermal Resistance,
Junction-to-Case,
JC
0.3
°C/W
12
3
4
+-
-
+
Part
Description
CPC1779J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1779
600V Single-Pole, Normally Open
DC-Only Power Relay


Similar Part No. - CPC1779

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1779 CLARE-CPC1779 Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779 Datasheet
890Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1779J CLARE-CPC1779J Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1779J CLARE-CPC1779J Datasheet
890Kb / 7P
ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1779J IXYS-CPC1779J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1779

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com