Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1906 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1906
Description  Machine Insertable, Wave Solderable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1906 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1906 Datasheet HTML 1Page - IXYS Corporation CPC1906 Datasheet HTML 2Page - IXYS Corporation CPC1906 Datasheet HTML 3Page - IXYS Corporation CPC1906 Datasheet HTML 4Page - IXYS Corporation CPC1906 Datasheet HTML 5Page - IXYS Corporation CPC1906 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1906-R07
1
CPC1906
Single-Pole, Normally Open
Power SIP OptoMOS® Relay
e3
Pb
Part #
Description
CPC1906Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
2
A
rms / ADC
On-Resistance (max)
0.3
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 2A
rms
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
No Moving Parts
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability,
and compact size to a new family of high-power solid
state relays. As part of that family, the CPC1906 is a
single-pole, normally open (1-Form-A) solid state relay.
The CPC1906 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED. The combination
of low on-resistance and high load current handling
capabilities makes the relay suitable for a variety of
high-performance switching applications.
Switching Characteristics
of Normally Open Devices
Approvals
UL 508 Certified Component: File E69938
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
-
2
+
34


Similar Part No. - CPC1906

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1906Y CLARE-CPC1906Y Datasheet
102Kb / 5P
Power SIP Relay
CPC1906Y CLARE-CPC1906Y Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
More results

Similar Description - CPC1906

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com