Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IF3601 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IF3601
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IF3601 Datasheet(HTML) 1 Page - InterFET Corporation

  IF3601 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-34
01/99
IF3601
N-Channel Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain Amplifier
Absolute maximum ratings = TA at 25¡C
Reverse Gate Source Voltage & Gate Drain Voltage
– 20 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ39 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
At 25°C free air temperature:
IF3601
Process NJ3600L
Static Electrical Characteristics
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
nA
VGS = – 10V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.35
– 2
V
VDS = 10V, ID = 0.5 nA
Drain Saturation Current (Pulsed)
IDSS
30
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Typ
Common Source
gfs
750
mS
VDS = 10V, VGS = ØV
f = 1 kHz
Forward Transconductance
Common Source Input Capacitance
Ciss
300
pF
VDS = ØV, VGS = – 4V
f = 1 MHz
Common Source
Crss
200
pF
VDS = ØV, VGS = – 4V
f = 1 MHz
Reverse Transfer Capacitance
Equivalent Short Circuit
¯eN
0.3
nV/
√Hz V
DG = 3 V, ID = 5 mA
f = 100 Hz
Input Noise Voltage
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-34


Similar Part No. - IF3601

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF3602 INTERFET-IF3602 Datasheet
92Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IF3601

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com