Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMN6040SVT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6040SVT
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVT Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6040SVT Datasheet HTML 1Page - Diodes Incorporated DMN6040SVT Datasheet HTML 2Page - Diodes Incorporated DMN6040SVT Datasheet HTML 3Page - Diodes Incorporated DMN6040SVT Datasheet HTML 4Page - Diodes Incorporated DMN6040SVT Datasheet HTML 5Page - Diodes Incorporated DMN6040SVT Datasheet HTML 6Page - Diodes Incorporated DMN6040SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN6040SVT
Document number: DS35562 Rev. 10 - 2
3 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMN6040SVT
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
= r
* R
θJA(t)
(t)
θ
θ
JA
JA
R
= 72 C/W
Duty Cycle, D = t1/t2
°
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
100
nA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
30
44
m
Ω
VGS = 10V, ID = 4.3A
35
60
VGS = 4.5V, ID = 4A
Forward Transfer Admittance
|Yfs|
4.5
S
VDS = 10V, ID = 4.3A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
1287
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
57
Reverse Transfer Capacitance
Crss
44
Gate Resistance
RG
1.2
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
Qg
22.4
nC
VDS = 30V, ID = 4.3A
Total Gate Charge (VGS = 4.5V)
Qg
10.4
Gate-Source Charge
Qgs
4.9
Gate-Drain Charge
Qgd
3.0
Turn-On Delay Time
tD(on)
6.6
nS
VGS = 10V, VDD = 30V, RG = 6Ω,
ID = 4.3A
Turn-On Rise Time
tr
8.1
Turn-Off Delay Time
tD(off)
20.1
Turn-Off Fall Time
tf
4.0
Body Diode Reverse Recovery Time
trr
18
nS
IS = 4.3A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
11.9
nC
IS = 4.3A, dI/dt = 100A/μs
Notes:
4. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com