Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4668 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4668
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4668 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4668 Datasheet HTML 5Page - National Semiconductor (TI) LM4668 Datasheet HTML 6Page - National Semiconductor (TI) LM4668 Datasheet HTML 7Page - National Semiconductor (TI) LM4668 Datasheet HTML 8Page - National Semiconductor (TI) LM4668 Datasheet HTML 9Page - National Semiconductor (TI) LM4668 Datasheet HTML 10Page - National Semiconductor (TI) LM4668 Datasheet HTML 11Page - National Semiconductor (TI) LM4668 Datasheet HTML 12Page - National Semiconductor (TI) LM4668 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Hints (Continued)
nominal cutoff frequency of 47kHz. This cutoff frequency
ensures that the attenuation is much less than 3dB at 20kHz.
The output filter cutoff frequency and topology are also
optimized for operational efficiency. A higher cutoff frequency
compromises efficiency, whereas a lower cutoff frequency
compromises the high frequencies within the audio fre-
quency range. The filter’s topology also minimizes high fre-
quency peaking, which can also decrease the amplifier’s
efficiency.
The output filter inductors must have a current rating that
exceeds the amplifier’s output current when driving the load
to maximum dissipation. Assuming a load dissipation of 10W
in an 8
Ω load with the amplifier operating on a 14V supply,
the RMS current is 1.1A. In this case, the inductors’ current
rating should be at least 1.2A
RMS or 1.6APEAK.
If a different output filter cutoff frequency (f
C) is desired, the
following brief discussion covers the selection of the capaci-
tor and inductor values. In the following equations, R
L is the
load resistance and C
L is three times the final value of the
three common-mode filter capacitor found between the two
output filter inductors (each inductor is L) as shown in Figure
1. When calculating values for L and C
L,RL should be 8
Ω,
since the LM4668 is specified for 8
Ω loads.
The filter’s two inductors are equal to
L= R
L /2
πf
C
(1)
and each of the three capacitors are equal to
C = L / 1.5R
2
(2)
SCHOTTKY DIODE AMPLIFIER OUTPUT OVERDRIVE
PROTECTION
The Schottky diodes shown in Figure 1 provide protection
against an over-voltage condition that may be caused by
inductor-induced transients. These diodes are necessary
when the nominal supply voltage exceeds 12V, the load
impedance falls below 6
Ω or the ambient temperature in the
operating environment rises above 50˚C.
THD+N MEASUREMENTS AND OUT OF AUDIO BAND
NOISE
THD+N (Total Harmonic Distortion plus Noise) is a very
important parameter by which all audio amplifiers are mea-
sured. Often it is shown as a graph where either the output
power or frequency is changed over the operating range. A
very important variable in the measurement of THD+N is the
bandwidth-limiting filter at the input of the test equipment.
Class D amplifiers, by design, switch their output power
devices at a much higher frequency than the accepted audio
range (20Hz - 20kHz). Alternately switching the output volt-
age between V
DD and GND allows the LM4668 to operate at
much higher efficiency than that achieved by traditional
Class AB amplifiers. Switching the outputs at high frequency
also increases the out-of-band noise. Under normal circum-
stances the output lowpass filter significantly reduces this
out-of-band noise. If the low pass filter is not optimized for a
given switching frequency, there can be significant increase
in out-of-band noise. THD+N measurements can be signifi-
cantly affected by out-of-band noise, resulting in a higher
than expected THD+N measurement. To achieve a more
accurate measurement of THD, the test equipment’s input
bandwidth of the must be limited. Some common upper filter
points are 22kHz, 30kHz, and 80kHz. The input filter limits
the noise component of the THD+N measurement to a
smaller bandwidth resulting in a more real-world THD+N
value.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figures 2 through 4 show the recommended two-layer PC
board layout that is optimized for the 14-pin MH-packaged
LM4668 and associated external components. Figures 5
through 7 show the recommended two-layer PC board lay-
out that is optimized for the 14-pin LD-packaged LM4668
and associated external components. These circuits are de-
signed for use with an external 12V supply and 8
Ω speakers
(or load resistors). This circuit board is easy to use. Apply
12V and ground to the board’s V
DD and GND terminals,
respectively. Connect speakers (or load resistors) between
the board’s -OUT and +OUT terminals. Apply the input signal
to the input pin labeled -IN.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com