Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RKE-2405S/H Datasheet(PDF) 2 Page - Recom International Power

Part # RKE-2405S/H
Description  1 Watt SIP7 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKE-2405S/H Datasheet(HTML) 2 Page - Recom International Power

  RKE-2405S/H Datasheet HTML 1Page - Recom International Power RKE-2405S/H Datasheet HTML 2Page - Recom International Power RKE-2405S/H Datasheet HTML 3Page - Recom International Power RKE-2405S/H Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
±5% typ.
Line Voltage Regulation
low line to high line
±1.2% typ. @1% of Vin
Load Voltage Regulation
10% to 100% load
Vin= 5V
Vin = 12V
Vin = 24V
8% typ., 15% max
3% typ., 15% max
4% typ., 15% max
ECO-2
REV.: 0/2016
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Isolation Voltage
I/P to O/P
4kVDC / 1sec.
Isolation Capacitance
45pF max.
Isolation Resistance
1G
Ω min.
RKE/H
Series
Specifications (measured at ta= 25°C, nominal input voltage, full load, otherwise noted)
Efficiency vs. Load
Deviation vs. Load
Tolerance Envelope
Vin = 5V
Vin = 12V/24V
05Vin
12Vin
24Vin
Output Current [A]
0
-5
5
0
15
10
20
30
25
20
10
40
30
50
80
90
100
70
60
05Vin
12Vin
24Vin
Output Current [A]
0
10
30
20
40
50
60
70
80
90
100
0
20
10
40
30
50
80
90
100
70
60
10
Vnom
50
100
Load [%]
typical load
line
typical load
line
10
-2%
+5%
+4%
+15%
+15%
+8%
-5%
-2%
+5%
-5%
Vnom
50
100
Load [%]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com