Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

6TPE330ML Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 6TPE330ML
Description  Surface Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330ML Datasheet(HTML) 2 Page - Panasonic Semiconductor

  6TPE330ML Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330ML Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Series
Rated
voltage
(V.DC)
Rated
temp.
(°C)
Category
voltage
(V.DC)
Category
temp.
(°C)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard
LW
H
Ripple ✽
1
current
(mAr.m.s.)
ESR ✽
2
(m
Ω max.)
tan
d
✽3
LC ✽
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
TPE
2
105
2.0
105
330
3.5
2.8
1.9
B2
2000
15
0.08
132.0
2TPE330MFB
2000
85
1.8
105
3.5
2.8
1.9
2000
15
0.08
132.0
2TPE330MAFB
2000
85
1.8
105
3.5
2.8
1.9
2000 13/300 kHz
0.10
132.0
2TPE330MADGB
2000
85
1.8
105
470
3.5
2.8
1.9
2300
15
0.10
188.0
2TPE470MAFB
2000
85
1.8
105
3.5
2.8
1.9
2300 11/300 kHz
0.08
188.0
2TPE470MAJGB
2000
2.5
85
2.0
105
220
3.5
2.8
1.9
2000
15
0.08
110.0
2R5TPE220MAFB 2000
105
2.5
105
3.5
2.8
1.9
1800 15/300 kHz
0.08
110.0
2R5TPE220MFGB 2000
105
2.5
105
3.5
2.8
1.9
1700
21
0.08
55.0
2R5TPE220MLB
2000
85
2.0
105
3.5
2.8
1.9
1600
25
0.08
55.0
2R5TPE220MAPB 2000
105
2.5
105
3.5
2.8
1.9
1400
35
0.08
55.0
2R5TPE220MZB
2000
85
2.0
105
3.5
2.8
1.9
1400
35
0.08
55.0
2R5TPE220MAZB 2000
85
2.0
105
330
3.5
2.8
1.9
1400
35
0.08
82.5
2R5TPE330MAZB 2000
4
105
4.0
105
100
3.5
2.8
1.9
1400
35
0.08
40.0
4TPE100MZB
2000
85
3.2
105
150
3.5
2.8
1.9
1400
35
0.08
60.0
4TPE150MAZB
2000
85
3.2
105
220
3.5
2.8
1.9
1400
35
0.08
88.0
4TPE220MAZB
2000
6.3
105
6.3
105
100
3.5
2.8
1.9
1600
25
0.08
63.0
6TPE100MPB
2000
85
5.0
105
3.5
2.8
1.9
1400
35
0.08
63.0
6TPE100MAZB
2000
85
5.0
105
120
3.5
2.8
1.9
1400
35
0.08
75.6
6TPE120MAZB
2000
85
5.0
105
150
3.5
2.8
1.9
1600
25
0.08
94.5
6TPE150MAPB
2000
85
5.0
105
3.5
2.8
1.9
1400
35
0.08
94.5
6TPE150MAZB
2000
85
5.0
105
220
3.5
2.8
1.9
1400
35
0.10
138.6
6TPE220MAZB
2000
8
85
6.3
105
100
3.5
2.8
1.9
1400
35
0.08
80.0
8TPE100MAZB
2000
10
85
8.0
105
47
3.5
2.8
1.9
1400
35
0.08
47.0
10TPE47MAZB
2000
✽1 Ripple current (100 kHz/ +45 °C ), ✽2 ESR (100 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Characteristics list
Nov. 2015
01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com