Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

10A05G-R-6 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 10A05G-R-6
Description  GENERAL PURPOSE PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

10A05G-R-6 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  10A05G-R-6 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 10A05G-R-6 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 10A05G THRU 10A10G
0.01
0.1
1.0
100
10
0.01
0.1
0
100
300
10
1
100
20
0
40
60
80
100
120
140
1
10
100
0.4
0.6
0.8
1.2
1.4
1.6
1.8
1.0
0
1
20
40
80
60
120
100
140
160
180
50
200
100
0
2
4
10
6
100
8
50
10
200
12
1000
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE (V)
.
PERCENT OF RATED PEAK REVERSE VOLTAGE %
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
°
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
Ground pane 1" x 1"
copper surface area PC
BOARD Recommended
PC Board Mounting
Slandard PC Board
mounting
FIG.5-TYPICAL JUNCTION CAPACITANCE
PC Board
50
10
500
200
400
500
600
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
T =25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
J
°
μ
T =100 C
J
°
T =25 C
J
°
T =25 C
J
°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com