Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1150-RTR1 Datasheet(PDF) 20 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 16Page - Texas Instruments CC1150-RTR1 Datasheet HTML 17Page - Texas Instruments CC1150-RTR1 Datasheet HTML 18Page - Texas Instruments CC1150-RTR1 Datasheet HTML 19Page - Texas Instruments CC1150-RTR1 Datasheet HTML 20Page - Texas Instruments CC1150-RTR1 Datasheet HTML 21Page - Texas Instruments CC1150-RTR1 Datasheet HTML 22Page - Texas Instruments CC1150-RTR1 Datasheet HTML 23Page - Texas Instruments CC1150-RTR1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
8 x n bits
16/32
bits
8
bits
8
bits
8 x n bits
16 bits
TX_OUT[7:0]
TX_DATA
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
The first TX_DATA byte is shifted in before doing the XOR-operation providing the first TX_OUT[7:0] byte. The
second TX_DATA byte is then shifted in before doing the XOR-operation providing the second TX_OUT[7:0] byte.
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Real world data often contain long sequences of zeros and ones. Performance can then be improved by
whitening the data before transmitting, and de-whitening in the receiver. With CC1150, in combination with
a CC1101 at the receiver end, this can be done automatically by setting PKTCTRL0WHITE_DATA=1. All
data, except the preamble and the sync word, are then XOR-ed with a 9-bit pseudo-random (PN9)
sequence before being transmitted as shown in Figure 5-7. The PN9 sequence is initialized to all ones. At
the receiver end, the data are XOR-ed with the same pseudo-random sequence. This way, the whitening
is reversed, and the original data appear in the receiver.
Setting PKTCTRL0.WHITE_DATA=1 is recommended for all uses, except when over-the-air compatibility
with other systems is needed.
Figure 5-7. Data Whitening in TX Mode
5.8.2
Packet Format
The format of the data packet can be configured and consists of the following items:
Preamble
Synchronization word
Optional length byte
Optional Address byte
Payload
Optional 2 byte CRC
Figure 5-8. Packet Format
20
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com