Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDC-N2502RI Datasheet(PDF) 1 Page - LUMEX INC.

Part # LDC-N2502RI
Description  .25 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDC-N2502RI Datasheet(HTML) 1 Page - LUMEX INC.

  LDC-N2502RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDC-N2502RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDC-N2504RO-12MM LUMEX-LDC-N2504RO-12MM Datasheet
64Kb / 1P
.25 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY
LDC-N2506RI LUMEX-LDC-N2506RI Datasheet
65Kb / 1P
660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results

Similar Description - LDC-N2502RI

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDC-N2504RO-12MM LUMEX-LDC-N2504RO-12MM Datasheet
64Kb / 1P
.25 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY
LDC-N3004RI LUMEX-LDC-N3004RI Datasheet
66Kb / 1P
0.30 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY, 635mm RED CHIPS
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDD-A402NI LUMEX-LDD-A402NI Datasheet
59Kb / 1P
0.40 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A513RI LUMEX-LDD-A513RI Datasheet
60Kb / 1P
0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com