Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MTR50 Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MTR50
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR50 Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MTR50 Datasheet HTML 5Page - Interpoint Corporation Company MTR50 Datasheet HTML 6Page - Interpoint Corporation Company MTR50 Datasheet HTML 7Page - Interpoint Corporation Company MTR50 Datasheet HTML 8Page - Interpoint Corporation Company MTR50 Datasheet HTML 9Page - Interpoint Corporation Company MTR50 Datasheet HTML 10Page - Interpoint Corporation Company MTR50 Datasheet HTML 11Page - Interpoint Corporation Company MTR50 Datasheet HTML 12Page - Interpoint Corporation Company MTR50 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Testedwith6800pFceramicbypasscapacitorconnectedexternally
frominputcommontocase.
3.Indefiniteshortcircuitprotectionnotguaranteedabove125°Ccase.
4.Recoverytimeismeasuredfromapplicationofthetransienttopointat
whichVOUTiswithin1%offinalvalue.
5.Testedonreleasefrominhibit.
SINGLEOUTPUTMODELS
MTR2812S
MTR2815S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUTVOLTAGE
11.64 12.00 12.36 14.55 15.00 15.45
V
OUTPUTCURRENT
VIN=16TO50V
0
2.5
0
2.0
A
OUTPUTPOWER
VIN=16TO50V
0
30
0
30
W
OUTPUTRIPPLE
TC=25°C
10
40
10
40
mVp-p
10kHz-2MHz
TC=-55°CTO+125°C
15
90
15
90
LINEREGULATION
VIN=16 to 50 v
2
50
2
50
mV
LOADREGULATION
NOLOADTOFULL
2
50
2
50
mV
INPUTVOLTAGE
CONTINUOUS
16
28
50
16
28
50
V
NOLOADTOFULL
TRANSIENT50ms1
80
80
V
INPUTCURRENT
NOLOAD
50
80
50
80
mA
INHIBITED
3
8
3
8
INPUTRIPPLECURRENT2
10kHz-10MHz
35
100
35
100
mAp-p
EFFICIENCY
TC=25°C
77
80
79
80
%
TC=-55°CTO+125°C
75
77
75
77
LOADFAULT3
POWERDISSIPATION
6
12
5
12
W
SHORTCIRCUIT
RECOVERY1
1.4
5
1.4
5
ms
STEPLOADRESPONSE4
TRANSIENT
±150
±400
±150
±500
mVpk
50%-100%-50%
RECOVERY
30
200
30
200
µs
STEPLINERESPONSE1,4
TRANSIENT
±400
±500
±500
±600
mVpk
16-40-16V
RECOVERY
400
400
µs
START-UP5
DELAY
2.5
5
2.5
5
ms
FULLLOAD
OVERSHOOT1
0
180
0
180
mVpk
CAPACITIVELOAD1
NOEFFECTONDC
3000
3000
µF
PERFORMANCE
tabLe 7: eLeCtriCaL CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% LoaD, Free run, unLess otherwise speCiFieD.
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page9of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com