Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2522B Datasheet(PDF) 1 Page - ams AG

Part # AS2522B
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522B Datasheet(HTML) 1 Page - ams AG

  AS2522B Datasheet HTML 1Page - ams AG AS2522B Datasheet HTML 2Page - ams AG AS2522B Datasheet HTML 3Page - ams AG AS2522B Datasheet HTML 4Page - ams AG AS2522B Datasheet HTML 5Page - ams AG AS2522B Datasheet HTML 6Page - ams AG AS2522B Datasheet HTML 7Page - ams AG AS2522B Datasheet HTML 8Page - ams AG AS2522B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Revision 3.4
Page 1 of 19
austriamicrosystems
Key Features
-
Line/Speech circuit, DTMF dialer, FSK transmitter and
tone ringer on a 32-pin CMOS-IC
-
Enhanced voice switching
-
Background noise monitoring
-
DTMF tone generator
-
FSK Transmitter V.23, BELL202, V.21, BELL 103
-
Ringer tone programmable
-
Tx- and Rx-gain programmable
-
Digital volume control of Rx signals
-
DC characteristic programmable
-
Dual softclipping in handset mode
-
Tx-softclipping in handsfree mode
-
Common monitor amplifier for loudhearing, handsfree
and ringing
-
Supply voltage generation for external circuitry
-
Automatic line loss compensation (LLC)
-
Real and complex impedance selectable by external
components
-
Side tone adaptation selectable by external components
-
Unique EMC performance
-
Operating range from 15mA to 100mA (down to 5mA
with reduced performance)
-
Few external components
General Description
AS2522 is a CMOS integrated circuit that incorporates DC
and AC line adaptation (DC-mask and synthesized AC-
impedance of 100
0Ω) as well as a speech circuit with
softclipping, line loss compensation and Rx-volume control
for handset and handsfree operation. It shall act as an a/b-
line powered device, which is controlled by a CPU via a
serial interface. Furthermore the AS2522 incorporates a
DTMF, FSK transmitter, single tone and ringer tone
generator.
AS2522 allows to use an off-the-shelf microprocessor
without special blocks and functions for telephone
applications. DTMF, FSK transmitter, single tone and ringer
tone generator can be controlled via the serial interface as
well as the gain settings in handset and handsfree mode.
Applications
Enhanced handsfree feature phones with CallerID and
extended displays.
Package
Available in 32-pin TQFP
Block Diagram
Telephone Line Interface and
Speakerphone Circuit
AS2522B
DATA SHEET


Similar Part No. - AS2522B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2522B AMSCO-AS2522B Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2522BF AMSCO-AS2522BF Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2522BQ AMSCO-AS2522BQ Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
More results

Similar Description - AS2522B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
logo
ELAN Microelectronics C...
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
logo
ams AG
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com