Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXTH52N65X Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH52N65X
Description  X-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH52N65X Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH52N65X Datasheet HTML 1Page - IXYS Corporation IXTH52N65X Datasheet HTML 2Page - IXYS Corporation IXTH52N65X Datasheet HTML 3Page - IXYS Corporation IXTH52N65X Datasheet HTML 4Page - IXYS Corporation IXTH52N65X Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I
XYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH52N65X
Fig. 8. Input Admittance
0
10
20
30
40
50
60
70
80
3.54.0
4.55.0
5.56.0
6.57.0
7.5
8.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 7. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 9. Transconductance
0
10
20
30
40
50
60
70
80
0
10
20
30
405060
708090
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 10. Forward Voltage Drop of Intrinsic Diode
0
20
40
60
80
100
120
140
160
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 11. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
1020
3040
5060
70
80
90
100
110
120
QG - NanoCoulombs
VDS = 325V
I D = 26A
I G = 10mA
Fig. 12. Capacitance
1
10
100
1,000
10,000
100,000
1
10
100
1000
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com