Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC3550A Datasheet(PDF) 21 Page - Micronas

Part # DAC3550A
Description  DAC 3550A STEREO AUDIO DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DAC3550A Datasheet(HTML) 21 Page - Micronas

Back Button DAC3550A Datasheet HTML 17Page - Micronas DAC3550A Datasheet HTML 18Page - Micronas DAC3550A Datasheet HTML 19Page - Micronas DAC3550A Datasheet HTML 20Page - Micronas DAC3550A Datasheet HTML 21Page - Micronas DAC3550A Datasheet HTML 22Page - Micronas DAC3550A Datasheet HTML 23Page - Micronas DAC3550A Datasheet HTML 24Page - Micronas DAC3550A Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DAC 3550A
Micronas
21
Analog Audio
VAO
Analog Output Voltage AC
OUTL/R,
FOUTL/R,
FINL/R
0.65
0.7
0.75
Vrms
SEL_53V = 0,
RL > 5 kΩ,
Analog Gain = 0 dB
Input = 0 dBFS digital
1.0
1.05
1.1
Vrms
SEL_53V = 1
GAUX
Gain from Auxiliary Inputs to
Line Outputs
AUXnL/R,
FINL/R
−0.5
0
0.5
dB
f = 1 kHz, sine wave,
RL >5 kΩ
0.5 Vrms to AUXnL/R
PHP
Output Power (Headphone)
OUTL/R
5
mW
SEL_53V = 0,
RL = 32 Ω,
Analog Gain = +3 dB,
distortion < 1%,
external 47
Ω series
resistor required
12
mW
SEL_53V = 1
PSP
Output Power (Speaker)
OUTL/R
120
mW
RL = 32 Ω (bridged),
Analog Gain = +3 dB,
distortion < 10%,
SEL_53V = 0, IRPA = 1
280
mW
SEL_53V = 1
GAO
Analog Output Gain
Setting Range
OUTL/R
−75
18
dB
dGAO1
Analog Output Gain
Step Size
OUTL/R
3.0
dB
Analog Gain:
−75 dB...−54 dB
dGAO2
Analog Output Gain
Step Size
OUTL/R
1.5
dB
Analog Gain:
−54 dB...+18 dB
EGA1
Analog Output Gain Error
OUTL/R
−22
dB
−46.5 dB≥Analog Gain
≥−54 dB
EGA2
Analog Output Gain Error
OUTL/R
−11
dB
−40.5 dB≥Analog Gain
≥−45 dB
EGA3
Analog Output Gain Error
OUTL/R
−0.5
0.5
dB
+18 dB
≥Analog Gain
≥−39 dB
EdGA
Analog Output Gain
Step Size Error
OUTL/R
−0.5
0.5
dB
+18 dB
≥Analog Gain
≥−48 dB
SNRAUX
Signal-to-Noise Ratio from
Analog Input to Line Output
AUXn,
FINL/R
98
dB
SEL_53V = 0:
input
−40 dB below
0.7 Vrms
Analog Gain = 0 dB,
BW =20 Hz...20 kHz
unweighted
Signal-to-Noise Ratio from
Analog Input to Headphone
Output
AUXn,
OUTn
93
dB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com