Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM26LVCISD-080/NOPB Datasheet HTML 1Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 2Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 3Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 4Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 5Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 6Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 7Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Example: 2 to 3
Battery Cells
VDD Supply
(+1.6V to +5.5V)
GND
VDD
OVERTEMP
OVERTEMP
VTEMP
TRIP TEST
Microcontroller
LM26LV
Analog
ADC Input
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to +6.0V
Voltage at OVERTEMP pin
−0.3V to +6.0V
Voltage at OVERTEMP and VTEMP pins
−0.3V to (VDD + 0.5V)
TRIP TEST Input Voltage
−0.3V to (VDD + 0.5V)
Output Current, any output pin
±7 mA
Input Current at any pin(2)
5 mA
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature, TJ(MAX)
+155°C
Human Body Model
4500V
ESD Susceptibility(3)
Machine Model
300V
Charged Device Model
1000V
For soldering specifications: see product folder at www.ti.com and http://www.ti.com/lit/SNOA549
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5mA.
(3)
The Human Body Model (HBM) is a 100pF capacitor charged to the specified voltage then discharged through a 1.5k
Ω resistor into
each pin. The Machine Model (MM) is a 200pF capacitor charged to the specified voltage then discharged directly into each pin. The
Charged Device Model (CDM) is a specified circuit characterizing an ESD event that occurs when a device acquires charge through
some triboelectric (frictional) or electrostatic induction processes and then abruptly touches a grounded object or surface.
Operating Ratings
(1)
Specified Temperature Range:
TMIN ≤ TA ≤ TMAX
LM26LV/LM26LV-Q1
−50°C ≤ TA ≤ +150°C
Supply Voltage Range (VDD)
+1.6 V to +5.5 V
Thermal Resistance (
θJA)
(2)
WSON-6 (Package NGF0006A)
152 °C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
The junction to ambient temperature resistance (
θJA) is specified without a heat sink in still air.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com