Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXYA20N65B3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXYA20N65B3
Description  Advance Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA20N65B3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXYA20N65B3 Datasheet HTML 1Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 2Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 3Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 4Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 5Page - IXYS Corporation IXYA20N65B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA20N65B3 IXYP20N65B3
IXYH20N65B3
Fig. 7. Transconductance
0
4
8
12
16
20
24
0
5
10
15
20
25
30
35
40
45
50
55
IC - Amperes
TJ = - 40ºC
25ºC
150ºC
VCE = 10V
Fig. 10. Reverse-Bias Safe Operating Area
0
10
20
30
40
100
200
300
400
500
600
700
VCE - Volts
TJ = 150ºC
RG = 20Ω
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
QG - NanoCoulombs
VCE = 325V
IC = 20A
IG = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 11. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
1
10
100
1000
VDS - Volts
TJ = 175ºC
TC = 25ºC
Single Pulse
25µs
1ms
10ms
VCE(sat) Limit
100µs
DC
Fig. 12. Maximum Transient Thermal Impedance
0.01
0.1
1
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Pulse Width - Second
D = tp / T
tp
T
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com