Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3525 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3525
Description  Single Port USB Power Switch and Over-Current Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3525 Datasheet(HTML) 1 Page - Texas Instruments

  LM3525 Datasheet HTML 1Page - Texas Instruments LM3525 Datasheet HTML 2Page - Texas Instruments LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3525
www.ti.com
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
LM3525 Single Port USB Power Switch and Over-Current Protection
Check for Samples: LM3525
1
FEATURES
DESCRIPTION
The LM3525 provides Universal Serial Bus standard
2
Compatible with USB1.1 and USB 2.0
power switch and over-current protection for all host
1 ms Fault Flag Delay During Hot-Plug Events
port applications. The single port device is ideal for
Smooth Turn-On Eliminates Inrush Induced
Notebook PC and Handheld PC applications that
Voltage Drop
supply power to one port.
UL Recognized Component: REF # 205202
A 1 ms delay on fault flag output prevents erroneous
overcurrent reporting caused by inrush currents
1A Nominal Short Circuit Output Current
during the hot-plug events.
Protects Notebook PC Power Supplies
Thermal Shutdown Protects Device in Direct
The LM3525 accepts an input voltage between 2.7V
Short Condition
and 5.5V allowing use as a device-based inrush
current limiter for 3.3V USB peripherals, as well as
500mA Minimum Continuous Load Current
Root and Self-Powered Hubs at 5.5V. The Enable
Small SOIC-8 Package Minimizes Board Space
input accepts both 3.3V and 5.0V logic thresholds.
2.7V to 5.5V Input Voltage Range
The small size, low RON, and 1 ms fault flag delay
Switch Resistance
≤ 120 mΩ Max. at VIN = 5V
make the LM3525 a good choice for root hubs as well
1µA Max Standby Current
as ganged power control in space-critical self-
powered hubs.
100 µA Max Operating Current
Undervoltage Lockout (UVLO)
APPLICATIONS
Universal Serial Bus (USB) Root Hubs
including Desktop and Notebook PC
USB Monitor Hubs
Other Self-Powered USB Hub Devices
High Power USB Devices Requiring Inrush
Limiting
General Purpose High Side Switch
Applications
Typical Operating Circuit and Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3525 TI2-LM3525 Datasheet
730Kb / 20P
LM3525 Single Port USB Power Switch and Over-Current Protection
REVISED MARCH 2013
logo
National Semiconductor ...
LM3525A NSC-LM3525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AJ NSC-LM3525AJ Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AN NSC-LM3525AN Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
More results

Similar Description - LM3525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com