Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP8464B Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8464B
Description  Disk Pulse Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8464B Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP8464B Datasheet HTML 16Page - National Semiconductor (TI) DP8464B Datasheet HTML 17Page - National Semiconductor (TI) DP8464B Datasheet HTML 18Page - National Semiconductor (TI) DP8464B Datasheet HTML 19Page - National Semiconductor (TI) DP8464B Datasheet HTML 20Page - National Semiconductor (TI) DP8464B Datasheet HTML 21Page - National Semiconductor (TI) DP8464B Datasheet HTML 22Page - National Semiconductor (TI) DP8464B Datasheet HTML 23Page - National Semiconductor (TI) DP8464B Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Application Information (Continued)
Another troublesome input pattern which should be investi-
gated is a high frequency triplet surrounded by the lowest
frequency as shown in
Figure 20 Since the center bit of the
triplet does not rise very much above the baseline there is
the possibility it will not trip the hysteresis level This pattern
should be checked to ensure the gating channel filter raises
this center bit enough for the proper operation of the gating
channel The operation of the triplet in the previous example
is shown in
Figure 21
LAYOUT CONSIDERATIONS
Figure 22 is a top view of the component layout for the
DP8464B application board whose schematic is shown in
Figure 23 Care must be exercised in the board layout in
order to isolate all digital signals from analog signals The
layout shown in
Figure 22 is a good example of what is
required in this regard In particular the Amp In pins (pins 6
and 7) and the CDIFF pins (pins 1 and 24) must be isolated
from all digital signals An analog ground plane will greatly
aid in this isolation as will separate digital and analog
grounds The VCC (pin 9) should have a 01 mf bypass ca-
pacitor to analog ground located close to the DP8464B The
component list is provided as an example These compo-
nents will need to be optimized for a specific read channel
TLF5283 – 26
FIGURE 20 (27) Triplet
TLF5283 – 27
FIGURE 21 Region 2 Triplet Operation
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com