Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS1636 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1636
Description  Unipolar Hall Switch-High sensitivity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1636 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1636 Datasheet HTML 1Page - SEC Electronics Inc. SS1636 Datasheet HTML 2Page - SEC Electronics Inc. SS1636 Datasheet HTML 3Page - SEC Electronics Inc. SS1636 Datasheet HTML 4Page - SEC Electronics Inc. SS1636 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS1636
Unipolar Hall Switch-High sensitivity
2
V3.10
Nov 1, 2013
General Description
The SS1636 Hall effect sensor IC is fabricated from mixed signal CMOS technology. It incorporates advanced
chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled clocking mechanism to cycle power to the Hall element and
analog signal processing circuits. This serves to place the high current-consuming portions of the circuit into a
“Sleep” mode. Periodically the device is “Awakened” by this internal logic and the magnetic flux from the Hall
element is evaluated against the predefined thresholds. If the flux density is above or below the Bop/Brp thresholds
then the output transistor is driven to change states accordingly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been optimized for service in applications requiring extended operating
lifetime in battery powered systems.
Pin Definitions and Descriptions
T
SOT Pin №
SIP Pin № Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
5.5
V
Supply Current
IDD
70
μA
Output Voltage
VOUT
5.5
V
Output Current
IOUT
5
mA
Operating Temperature Range
TA
-40 to 150
°C
Storage Temperature Range
TS
-65 to 170
°C
ESD Sensitivity
4000
V
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com