Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP7651 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7651
Description  900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7651 Datasheet(HTML) 2 Page - Exar Corporation

  SP7651 Datasheet HTML 1Page - Exar Corporation SP7651 Datasheet HTML 2Page - Exar Corporation SP7651 Datasheet HTML 3Page - Exar Corporation SP7651 Datasheet HTML 4Page - Exar Corporation SP7651 Datasheet HTML 5Page - Exar Corporation SP7651 Datasheet HTML 6Page - Exar Corporation SP7651 Datasheet HTML 7Page - Exar Corporation SP7651 Datasheet HTML 8Page - Exar Corporation SP7651 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
Unless otherwise specified: -40°C < TAMB < 85°C, -40°C< Tj <125°C, 4.5V < VCC < 5.5V, 3V< Vin < 20V, BST=LX + 5V,
LX = GND = 0.0V, UVIN = 3.0V, CVCC = µF, CCOMP = 0.µF, CSS = 50nF, Typical measured at VCC = 5V.
The
denotes the specifications which apply over the full temperature range, unless otherwise specified.
VCC .................................................................................................. 7V
VIN.................................................................................................. 22V
ILX .................................................................................................... 5A
BST................................................................................................ 35V
LX-BST...............................................................................-0.3V to 7V
LX ........................................................................................-V to 20V
All other pins............................................................-0.3V to VCC+0.3V
Storage Temperature................................................... -65°C to 150°C
Power Dissipation..................................................... Internally Limited
ESD Rating........................................................................... 2kV HBM
Thermal Resistance ΟJC........................................................... 5°C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
QUIESCENT CURRENT
Vcc Supply Current (No switching)
.5
3
mA
Vfb =0.9V
Vcc Supply Current (switching)
8
2
mA
BST Supply Current (No switching)
0.2
0.4
mA
Vfb =0.9V
BST Supply Current (switching)
4
6
mA
PROTECTION: UVLO
Vcc UVLO Start Threshold
4.00
4.25
4.5
V
Vcc UVLO Hysteresis
00
200
300
mV
UVIN Start Threshold
2.3
2.5
2.65
V
UVIN Hysteresis
200
300
400
mV
UVIN Input Current

µA
UVIN= 3.0V
ERROR AMPLIFIER REFERENCE
Error Amplifier Reference
0.792
0.800
0.808
V
2X Gain Config., Measure
Vfb; Vcc =5 V, T=25°C
Error Amplifier Reference
Over Line and Temperature
0.788
0.800
0.82
V
Error Amplifier Transconductance
6
mA/V
Error Amplifier Gain
60
dB
No Load
COMP Sink Current
50
µA
Vfb =0.9V, COMP= 0.9V
COMP Source Current
50
µA
Vfb =0.7V, COMP= 2.2V
Vfb Input Bias Current
50
200
nA
Vfb = 0.8V
Internal Pole
4
MHz
COMP Clamp
2.5
V
Vfb =0.7V, TA=25¼C
COMP Clamp Temp. Coefficient
-2
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com