Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6652EB Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6652EB
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652EB Datasheet(HTML) 3 Page - Exar Corporation

  SP6652EB Datasheet HTML 1Page - Exar Corporation SP6652EB Datasheet HTML 2Page - Exar Corporation SP6652EB Datasheet HTML 3Page - Exar Corporation SP6652EB Datasheet HTML 4Page - Exar Corporation SP6652EB Datasheet HTML 5Page - Exar Corporation SP6652EB Datasheet HTML 6Page - Exar Corporation SP6652EB Datasheet HTML 7Page - Exar Corporation SP6652EB Datasheet HTML 8Page - Exar Corporation SP6652EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
pin Description
SP6652
10 Pin MSOP
10
9
8
7
6
LX
P
S
VIN
SYNC
MODE
P
GND
S
GND
FB
COMP
SD
1
2
3
4
5
VIN
SP6652
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
P
GND
S
GND
FB
COMP
SD
LX
P
VIN
S
VIN
SYNC
MODE
Pin
Number
pin
NAME
Description

P
GND
Power Ground Pin. Synchronous rectifier current returns through
this pin.

S
GND
Internal Ground Pin. Control circuitry returns current to this pin.
3
FB
External feedback network input connection. Connect a resistor from
FB to ground and from FB to VOUT to control the output voltage.
Regulation point at FB = 0.8V Typical.
4
COMP
Compensation pin for error loop. Connect an R and C in series to
ground to control open loop pole and zero.
5
SD
Shutdown control input. Tie pin to VIN for normal operation, tie to
ground for shutdown. TTL input threshold.
6
MODE
Connect this pin to VIN.
7
SYNC
An external clock signal can be connected to this pin to synchronize
the switching frequency.
8
S
VIN
Internal supply voltage. Control circuitry is powered from from this
pin. Use an RC filter close to the pin to cut down supply noise.
9
P
VIN
Supply voltage for the output driver stage. Inductor charging current
passes through this pin.
0
LX
Inductor switching node. Inductor tied between this pin and the
output capacitor to create regulated output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com