Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-225-15 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-225-15
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-225-15 Datasheet(HTML) 3 Page - CUI INC

  VOF-225-15 Datasheet HTML 1Page - CUI INC VOF-225-15 Datasheet HTML 2Page - CUI INC VOF-225-15 Datasheet HTML 3Page - CUI INC VOF-225-15 Datasheet HTML 4Page - CUI INC VOF-225-15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 06/27/2016
│ page 3 of 5
CUI Inc
│ SERIES: VOF-225 │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
EMI/EMC1
EN 55022: 2010 Class B, EN 61204-3:2000, EN
61000-6-3: 2007 +A1: 2011, EN 61000-3-2:
2006 +A2: 2009, EN 61000-3-3: 2008, EN 55024:
2010, EN 61000-6-1: 2007, ENV 50204: 1995, CE,
FCC
class
class I
MTBF
as per MIL-HDBK-217F
250,000
hours
RoHS
2011/65/EU
Notes:
1. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
20
90
%
operating altitude
5000
m
vibration & shock
10~3000Hz, 10 minutes per cycle, for 1 hour
along each of the X, Y, and Z axes
2
G
DERATING CURVES
Ambient Temperature (°C)
-20
50
60
80
100
40
20
010203040506070
Temperature Derating Curve
Load vs. Temperature
without FAN
with FAN 34.2 CFM
Ambient Temperature (°C)
90
60
80
100
40
100
110
120
277
Temperature Derating Curve
Load vs. Input Voltage
20
90
Ta=25°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com