Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-225-36 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-225-36
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-225-36 Datasheet(HTML) 1 Page - CUI INC

  VOF-225-36 Datasheet HTML 1Page - CUI INC VOF-225-36 Datasheet HTML 2Page - CUI INC VOF-225-36 Datasheet HTML 3Page - CUI INC VOF-225-36 Datasheet HTML 4Page - CUI INC VOF-225-36 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 06/27/2016
page 1 of 5
SERIES: VOF-225
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power1
ripple
and noise2
efficiency3
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-225-12
12
18.75
225
120
88
VOF-225-15
15
15
225
150
90
VOF-225-24
24
9.38
225
240
90
VOF-225-36
36
6.25
225
360
90
VOF-225-48
48
4.69
255
480
91
Notes:
1. Maximum output power of 225 W with forced air cooling (34.2 CFM), 135 W with convection cooling.
2. At full load, nominal input, 20 MHz bandwidth oscilloscope, using a 12” twisted pair wire terminated together with a 0.1 μF and 47 μF capacitor.
3. At full load, 230 Vac input, without external fan.
4. All specifications are measured at Ta=25°C, 230 Vac input voltage, and rated output load unless otherwise specified.
FEATURES
• up to 225 W continuous power
• universal input voltage range
• industry standard 3” x 5” footprint
• power factor correction
• low no load power consumption
• over voltage, over current, and short circuit protections
• output trim
• UL/cUL and TUV safety approvals
• efficiency up to 91%
PART NUMBER KEY
Base Number
VOF-225 - XX
Output Voltage
For more information, please visit the product page.


Similar Part No. - VOF-225-36

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-225A CUI-VOF-225A Datasheet
572Kb / 6P
AC-DC POWER SUPPLY
VOF-225A-12 CUI-VOF-225A-12 Datasheet
572Kb / 6P
AC-DC POWER SUPPLY
VOF-225A-12 CUI-VOF-225A-12 Datasheet
931Kb / 6P
AC-DC POWER SUPPLY
06/10/2021
VOF-225A-15 CUI-VOF-225A-15 Datasheet
572Kb / 6P
AC-DC POWER SUPPLY
VOF-225A-15 CUI-VOF-225A-15 Datasheet
931Kb / 6P
AC-DC POWER SUPPLY
06/10/2021
More results

Similar Description - VOF-225-36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com