Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS705A Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS705A
Description  Antenna < Transponder: RF-ID ( TX ) >
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS705A Datasheet(HTML) 2 Page - Sumida Corporation

  AS705A Datasheet HTML 1Page - Sumida Corporation AS705A Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Antenna < Transponder: RF-ID ( TX ) >
Type: AS705A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
◆
◆
◆
Schematic diagram
◆
Electrical Characteristics
Part number
Tuning
capacitance
Load Q
Resonant frequency
Resonant
current
Load
resistance
AS705 -125A
332
60.1
125.0
±1.5kHz
1.2App
4.7
Ω
AS705-125B
472
52.1
125.0
±1.5kHz
2.5App
2.2
Ω
AS705-125C
682
41.7
125.0
±1.5kHz
2.8App
2.2
Ω
AS705-125D
822
30.5
125.0
±1.5kHz
2.4App
3.3
Ω
AS705-125E
103
26.3
125.0
±1.5kHz
2.6App
3.3
Ω
AS705 -134A
332
65.2
134.2
±1.5kHz
1.2App
4.7
Ω
AS705-134B
472
63.8
134.2
±1.5kHz
2.5App
2.2
Ω
AS705-134C
682
36.3
134.2
±1.5kHz
2.9App
2.2
Ω
AS705-134D
822
30.5
134.2
±1.5kHz
2.5App
3.3
Ω
AS705-134E
103
25.8
134.2
±1.5kHz
2.6App
3.3
Ω
AS705-20K
334
3.26
20
±1.5kHz
2.2App
3.3
Ω
*
*
*
* It is possible for customer specification at harness length and connector form.
*
*
*
* It is possible for other frequency.
◆
Packaging specification
*
*
*
* Using plastic tray packaging.
*
*
*
* Outside carton dimension: 500mm X 300mm X 175mm.
*
*
*
* Packaging Q’ty: 120pcs/carton.
①
②
L
c
R
L: Ferrite core coil inductance.
C: Tuning internal capacitor.
R: Copper resistance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com