Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDR_3000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDR_3000
Description  Software Defined Radio Transceiver Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR_3000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDR_3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDR_3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
[ PRO-3500 ]
The PRO-3500 is a signal processing engine with two PowerPC G4 processors, and support for two ePMC modules.
Up to two additional G4s or additional I/O can be supported via additional ePMC modules.
The PRO-3500 contains a user-programmable embedded PowerPC 405GP controller to provide networking support,
and to offload system control from the PowerPC G4 processors, which can then be dedicated to signal processing.
The following summarizes the external interfaces on the PRO-3500 board:
flexFabric interface – supporting up to two 320 MB/s full-duplex switched fabric links
PICMG 2.16 compliant switched Ethernet
66 MHz, 32-bit PCI via cPCI backplane
ePMC module sites: ePMC modules are PMC modules that are equipped with Solano~link ports to move high-speed data to the
PRO-3500 via an additional connector. Four dedicated, full-duplex 200 MB/s data paths between the PRO-3500 and the ePMC
module are supported. For more information on the PRO-3500, please see the PRO-3500 datasheet. Spectrum’s ePMC-PPC and
ePMC-8311 (‘C64X) modules are currently supported.
[ TM1-3300 ]
The TM1-3300 is a cPCI transition module supporting four 80 MHz ADCs and four 160 MHz DACs, for interfacing to any
commercial RF front-end unit with an analog IF, or a baseband signal interface.
For more information on the TM1-3300, please see the TM1-3300 datasheet.
[ TM1-3350 ]
The TM1-3350 is a cPCI transition module supporting two 212 MHz ADCs and two 212 MHz DACs, for interfacing to any
commercial RF front-end unit with an analog IF, or a baseband signal interface.
For more information on the TM1-3350, please see the TM1-3350 datasheet.
[ TM1-3902 ]
The TM1-3902 is both a reference design that facilitates the design of custom I/O as well as a high performance digital I/O
solution for SDR-3000 systems.
For more information on the TM1-3902, please see the TM1-3902 datasheet.
[ flexFabric ]
All signal processing devices, including FPGAs, G4’s and ‘C64X’s, are connected via flexFabric, a serial RapidIO-based switched
fabric that allows virtually any dataflow to be achieved when working with high-data rate front-end processing. flexFabric
supports the following specific features:
flexFabric - Serial RapidIO-based switched fabric connects all boards with deterministic, low-latency data paths that can
sustain payload data rates of 320 MB/s (full-duplex). A wide variety of application-specific topologies can be created using
different backplanes and backplane overlays.
Packet switches are built into the PRO-3100. This allows use of passive backplanes, eliminating the backplane as a single point
of failure in high availability systems.
[ Ethernet ]
Both the PRO-3100 and PRO-3500 support 100 Mbps Ethernet via either of:
PICMG 2.16 compliant CompactPCI Backplane
Front panel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com